Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-CS Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # CS8401A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-CS Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button CS8401A-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
CS8402A DESCRIPTION
The CS8402A accepts 16- to 24-bit audio samples
through a serial port configured in one of seven for-
mats; provides several pins dedicated to particular
channel status bits; and allows all channel status,
user, and validity bits to be serially input through
port pins. This data is multiplexed, the parity bit is
generated, and the bit stream is biphase-mark en-
coded and driven through an RS422 line driver.
The CS8402A operates as a professional or con-
sumer interface transmitter selectable by pin 2,
PRO. As a professional interface device, the dedi-
cated channel status input pins are defined according
to the professional standard, and the CRC code (C.S.
byte 23) can be internally generated.
As a consumer device, the dedicated channel
status input pins are defined according to the
consumer standard. A submode provided under
the consumer mode is compact disk, CD, mode.
When transmitting data from a compact disk, the
CD subcode port can accept CD subcode data,
extract channel status information from it, and
transmit it as user data.
The master clock, MCK, controls timing for the en-
tire chip and must be 128
×Fs. As an example, if
stereo data is input to the CS8402A at 44.1 kHz,
MCK input must be 128 times that or 5.6448 MHz.
Audio Serial Port
The audio serial port is used to enter audio data
and consist of three pins: SCK, SDATA, and
FSYNC. SCK clocks in SDATA, which is double
buffered, while FSYNC delineates the audio sam-
ples and may indicate the particular channel, left or
right. To support many different interfaces, M2,
M1, and M0 select one of seven different formats
for the serial port. The coding is shown in Table 3
while the formats are shown in Figure 16. Format 0
and 1 are designed to interface with Crystal ADCs.
Format 2 communicates with Motorola and TI
DSPs. Format 3 is reserved. Format 4 is compatible
with the I
2S standard. Formats 5 and 6 make
the CS8402A look similar to existing 16- and
18-bit DACs, and interpolation filters. For-
mat 7 is an MSB-last format and is conducive
to serial arithmetic. SCK and FSYNC are
outputs in Format 0 and inputs in all other
formats. In Format 2, the rising edge of
FSYNC delineates samples and the falling
edge must occur a minimum of one bit period
before or after the rising edge. In all formats
except 2, FSYNC contains left/right informa-
ti on requi ri n g b o t h edges of F S Y NC t o
delineate samples. Formats 5 and 6 require a
minimum of 16- or 18-bit audio words re-
spectively. In all formats other than 5 and 6,
the CS8402A can accept any word length
from 16 to 24 bits by adding leading zeros in
format 7 and trailing zeros in the other for-
mats, or by restricting the number of SCK
periods between active edges of FSYNC to
the sample word length.
FSYNC must be derived from MCK, either
through a DSP using the same clock, or using
counters. If FSYNC moves (jitters) with respect
to MCK by four MCK periods, the internal
counters and CBL may be reset. Appendix B
contains more information on the relationship
between FSYNC and MCK.
M2
M1
M0
Format
0
0
0
0 - FSYNC & SCK Output
0
0
1
1 - Left/Right, 16-24 Bits
0
1
0
2 - Word Sync, 16-24 Bits
01
1
3 - Reserved
1
0
0
4 - Left/Right, I
2S Compatible
1
0
1
5 - LSB Justified, 16 Bits
1
1
0
6 - LSB Justified, 18 Bits
1
1
1
7 - MSB Last, 16-24 Bits
Table 3. CS8402A Audio Port Modes
CS8402A
18
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com