Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS8401A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS8401A-CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
SWITCHING CHARACTERISTICS - SERIAL PORTS
(TA = 25
°C for suffixes ’-CP’ and ’-CS’; TA = -40 to 85 °C for suffixes ’-IP’ and ’-IS’;
Inputs: Logic 0 = GND, logic 1 = VD+; CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Units
SCK Frequency
Master Mode
Notes 5,6
tsckf
IWR
×64
Hz
Slave Mode
Note 6
12.5
MHz
SCK Pulse Width Low
Slave Mode
Note 6
tsckl
25
ns
SCK Pulse Width High
Slave Mode
Note 6
tsckh
25
ns
SCK rising to FSYNC edge delay
Notes 6,7
tsfds
20
ns
SCK rising to FSYNC edge setup
Notes 6,7
tsfs
20
ns
SDATA valid to SCK rising setup
Note 7
tsss
20
ns
SCK rising to SDATA hold time
Note 7
tssh
20
ns
C, U, V valid to SCK rising setup CS8402A
non-CD Mode
Notes, 7,8
tcss
0ns
SCK rising to C, U, V hold time
CS8402A
non-CD mode
Notes 7, 8
tscs
50
ns
U valid to SBC rising setup
CS8402A, CD mode
Note 8
tuss
0ns
SBC rising to U hold time
CS8402A, CD mode
Note 8
tsuh
80
ns
RST Pulse Width
CS8402A
150
ns
Notes:
5. The input word rate, IWR, refers to the frequency at which stereo audio input samples are input to
the part. (A stereo pair is two audio samples.) Therefore, in Master mode, there are always
32 SCK periods in one audio sample.
6. Master mode is defined as SCK and FSYNC being outputs. In Slave mode they are inputs. In the
CS8401A, control reg. 3 bit 1, MSTR, selects master. In the CS8402A, only format 0 is master.
7. The table above assumes data is output on the falling edge and latched on the rising edge. In both
parts the edge is selectable. The table is defined for the CS8401A with control reg. 3 bit 0, SCED, set to
one, and for the CS8402A in formats 4 through 7. For the other formats, the table and figure edges
must be reversed (ie. "rising" to "falling" and vice versa).
8. The diagrams show SBC rising coincident with the first rising edge of SCK after FSYNC transitions.
This is true for all modes except FSF0 & 1 both equal 1 in the CS8401A, and format 4 in the CS8402A.
In these modes SBC is delayed one full SCK period.
sckh
t
sfs
t
sfds
t
sss
t
ssh
t
sckl
t
SDATA
SCK
FSYNC
Serial Input Timing - Slave Mode
CS8401A CS8402A
4
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com