Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CS8401A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CS8401A-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ples, the user read pointer is reset to 04H (Hex)
and the cycle repeats.
Flag 0 in the status register monitors the position
of the internal user data read pointer. When the
first byte, location 04H, is read, flag 0 is set low
and when the third byte, location 06H, is read,
flag 0 is set high. If mask 0 in control register 1
is set, a transition of flag 0 will generate a low
pulse on the interrupt pin. The value of flag 0
indicates which two bytes the part will read next,
thereby indicating which two bytes are free to be
updated.
Flag 1 is mode dependent, changing with buffer
memory configuration, and is discussed in the
individual buffer mode sections.
Flag 2 is set high when byte 0 of the channel
status, address 08H, is read, and set low when
byte 4, address 0BH, is read. Therefore, flag 2
high indicates the part is reading the first four
bytes of channel status, and the last 20 bytes are
free to update. If the interrupt mask bit for flag 2
is set, the rising edge will cause an interrupt in-
dicating the beginning of a channel status block
as shown in Figure 11. Although a falling edge
Flag 0
Flag 1
Mode 0
Flag 1
Modes 1 & 2
Flag 2
03
4
7
8
Audio Data
28 29 30 31
27
23
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15161718 1920212223
0
1
Channel Status Byte
(Expanded)
(Expanded)
bit
Frame
Sub-frame
Block
(384 Audio Samples)
See figure 15
Validity
User Data
Channel Status Data
Parity Bit
VU C
P
MSB
Aux Data
LSB
Preamble
B 0
A 0
A 1
B 1
B 2
A 2
B 7
A 7
Figure 11. CS8401A Status Register Flag Timing
CS8401A
12
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com