Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401A-CS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CS8401A-CS
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-CS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CS8401A-CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8401A-CS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MSB last mode, or by restricting the number of
SCK periods between samples to the sample
word length. The 16-, 18-, and 20-bit LSB-last
modes require at least 16, 18, or 20 SCK periods
per sample respectively. As a master, 32 SCK pe-
riods are output per sample.
FSYNC must be derived from MCK via a DSP
using the same clock or by external counters. If
FSYNC moves (jitters) with respect to MCK by
more than 4 MCK periods, the CS8401A may
reset the channel status block and flags. Appen-
dix C contains mo re information on the
relationship of FSYNC and MCK.
Buffer Memory
In all buffer modes, the status register and con-
trol registers are located at addresses 0-3
respectively, and the user data is buffered in lo-
cations 4-7. The parallel port can access any
location in the user data buffer at any time; how-
ever, care must be taken not to modify a location
when that location is being read internally. This
internal reading is done through the second port
of the buffer and is done in a cyclic manner.
Reset in itializes th e internal pointer to
04H (Hex). Data is read from this location and
stored in an 8-bit shift register which is shifted
once per audio sample. (An audio sample is de-
fined as a single channel, not a stereo pair.) The
byte is transmitted LSB first, D0 being the first
bit. After transmitting 8 samples, i.e. 8 user bits,
the address pointer is incremented and the next
byte of user data is loaded into the shift register.
After transmitting all four bytes, 32 audio sam-
210 (bit)
000
001
010
100
110
FSF
00
01
10
11
00
01
10
11
MSTR
0
0
0
0
1
1
1
1
MSB First
MSB Last
LSB Last 16
LSB Last 18
LSB Last 20
FSYNC Input
FSYNC Input
FSYNC Input
FSYNC Input
FSYNC Output
FSYNC Output
FSYNC Output
FSYNC Output
Name
LSB
MSB
LSB
MSB
LSB
LSB
LSB
MSB
LSB
MSB
LSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
16 Bits
18 Bits
20 Bits
18 Bits
16 Bits
Left Sample
Right Sample
20 Bits
16 Clocks
16 Clocks
16 Clocks
16 Clocks
32 Clocks
32 Clocks
32 Clocks
32 Clocks
10 (bit)
SDF
24 bits, incl. Aux
24 bits, incl. Aux
24 bits, incl. Aux
24 bits, incl. Aux
Figure 10. CS8401A Serial Port SDATA and FSYNC Timing
CS8401A
DS60F1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com