Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402A-IP Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
mitted. This sub-frame contains channel status
byte 0, bit 0. CBL returns low one bit period be-
fore the start of the frame that contains bit 0 of
channel status byte 16. CBL is the exact inverse
of flag 1 in mode 0 on the CS8401 (see Fig-
ure 11). CBL is not available when the CD
subcode port is enabled.
Figure 17 illustrates timing for stereo data input
on the audio port. Notice how CBL rises while
the right channel data (Right 0) is input, but the
previous left channel data (Left 0) is being trans-
mitted as the first sub-frame of the channel
status block (starting with preamble Z). The C,
U, and V input ports only need to be valid for a
short period after FSYNC changes. A sub-frame
includes one audio sample while a frame in-
cludes a stereo pair. A channel status (C.S.)
block contains 24 bytes of channel status and
384 audio samples (or 192 stereo pairs, or
frames, of samples).
Figure 17 shows the CUV ports as having left
and right bits (e.g. CUV0L, CUV0R). Since the
C.S. block is defined as 192 bits, or one bit per
frame, there are actually 2 C.S. blocks, one for
channel A (left) and one for channel B (right).
When inputting stereo audio data, both blocks
normally contain the same information, so C0L
and C0R from the input port pin are both chan-
nel status bit 0 of byte 0, which is defined as
professional/consumer. These first two bits from
the port, C0L and C0R, are logically OR’ed with
the inverse of PRO, since PRO is a dedicated
channel status pin defined as C.S. bit 0. Also, if
in professional mode, C1, C6, C7 and C9 are
dedicated C.S. pins. The inverse of C1 is logi-
cally OR’ed with channel status input port bits
C1L and C1R. In similar fashion, C6, C7 and C9
are OR’ed with their respective input bits. Also,
the C bits in CUV128L and CUV128R are both
channel status block bit 128, which is bit 0 of
channel status byte 16.
Transparent Mode
In certain applications it is desirable to receive
digital audio data with the CS8412 and retrans-
mit it with the CS8402A. In this case, channel
status, user and validity information must pass
through unaltered. For studio environments, AES
recommends that signal timing synchronization
be maintained throughout the studio. Frame syn-
chronization of digital audio signals input to and
output from a piece of equipment must be within
±5%.
The transparent mode of the CS8402A is se-
lected by setting TRNPT, pin 24, high. In this
mode, the CBL pin becomes an input, allowing
direct connection of the outputs of the CS8412
to the inputs of the CS8402A as shown in Fig-
ure 18 . The transmitter and receiver are
synchronized by the FSYNC signal. CBL speci-
fies the start of a new channel status block
boundary, allowing the transmit block structure
to be slaved to the block structure of the re-
ceiver. In the transparent mode, C, U, and V are
now transmitted with the current audio sample as
shown in Figure 17 (TRNPT high), and the dedi-
cated channel status pins are ignored. When in
the transparent mode, the propagation delay of
data through the CS8402A is set so that the total
propagation delay from the receive inputs of the
CS8412 to the transmit outputs of the CS8402A
is three frames.
MCK
CBL
C
U
V
FSYNC
SCK
SDATA
RXP
RXN
CS8412
TRNPT
TXP
TXN
V+
Data
Processing
CS8402A
Figure 18. Transparent Mode Interface
CS8402A
DS60F1
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com