Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402A-IP Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
SOIC
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
0.095
0.105
2.41
2.67
0.008
0.015
0.203
0.381
0.398
0.420
10.11
10.67
0.020
0.013
0.51
0.33
0.016
0.035
0.41
0.89
8°
0°
0°
8°
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
pins
0.410
0.390
9.91
10.41
16
0.510
0.490
12.45
12.95
20
0.610
0.590
14.99
15.50
24
0.710
0.690
17.53
18.03
28
0.012
0.005
0.127
0.300
1.14
0.040
DIM
E
E
b
L
D
e
A
A
c
0.292
0.298
7.42
7.57
D
E
E1
e
A
A
b
1
A2
c
L
µ
1
µ
1
1.40
0.055
A 2
see table above
NOM
2.54
0.280
10.41
0.46
-
-
NOM
10.16
12.70
15.24
17.78
-
7.49
1.27
2.29
2.54
2.41
NOM
0.100
0.011
0.410
0.018
-
-
NOM
0.400
0.500
0.600
0.700
-
0.295
0.050
0.100
0.090 0.095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com