Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402A-IP Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 23Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
When FSYNC is a word clock (Format 2), CBL
is sampled when left C,U,V are sampled. When
FSYNC is Left/Right, CBL is sampled when left
C,U,V are sampled. The channel status block
boundary is reset when CBL transitions from
low to high (based on two successive samples of
CBL). MCK for the CS8402A is normally ex-
pected to be 128 times the sample frequency, in
the transparent mode MCK must be 256 Fs.
Professional Mode
Setting PRO low places the CS8402A in profes-
sio na l mo de a s show n in Figu re 19. In
professional mode, channel status bit 0 is trans-
mitted as a one and bits 1, 2, 3, 4, 6, 7, and 9
can be controlled via dedicated pins. The pins
are actually the inverse of the identified bit. For
example, tying the C1 pin low places a one in
channel status bit 1. As shown in the Application
Note, Overview of AES/EBU Digital Audio In-
t e rfac e
D at a
S t ru ct u re s ,
C 1
i ndicat es
audio/non-audio; C6 and C7 determine the sam-
ple frequency; and C9 allows the encoded
channel mode to be stereophonic. EM1 and EM0
determine emphasis and encode C2, C3, C4 as
shown in Table 4. The dedicated channel status
pins are read at the appropriate time and are
logically OR’ed with data input on the channel
status port, C. In Transparent Mode, these dedi-
cated channel status pins are ignored; and
channel status bits are input at the C pin.
The channel status data cyclic redundancy check
character (C.S. byte 23) is always generated in-
dependently for channels A and B and is
transmitted at the end of the channel status
block.
Data should not be input through the channel status
port, C, during the CRCC byte time frame, since in-
puts on C are logically OR’ed with internally
generated data.
Consumer Mode
Setting PRO high places the CS8402A in consumer
mode which redefines the pins as shown in Fig-
ure 20. In consumer mode, channel status bit 0 is
transmitted as a zero and channel status bits 2, 3, 8,
9, 15, 24, and 25 are controlled via dedicated pins.
The pins are actually the inverse of the bit so if pin
Parity
Preamble
Timing
Mux
MCK
TXP
TXN
Serial
Port
Audio
Logic
FSYNC
SCK
SDATA
C Bits
Aux
Biphase
Mark
Encoder
Line
Driver
7
6
8
20
17
5
16
RST
CBL
15
9
11
10
C
U
V
12
1
4
3
EM1
13
EM0
14
2
C9
C7
C6
C1
PRO
M2
M1
M0
23
22
21
Registers
U Bits
Validity
CRC
TRNPT
24
Figure 19. CS8402A Block Diagram - Professional Mode
CS8402A
22
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com