Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402A-IP Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 11Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 12Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 13Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 14Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
mode 0, and are read once per channel status
block. The second four locations, addresses 0CH
to 0FH, provide a cyclic buffer for the last 20
bytes of channel status data.
Similar to mode 0, transmitted channel status
data will be the same for channel A and chan-
nel B (one channel status bit per frame). Flag 1
and flag 2 can be used to monitor this buffer.
Flag 1 is set low when byte 0 of channel status
data, location 08H, is read and is toggled when
every other byte is read. As shown in Figure 13,
flag 2 is set high when byte 0, location 08H, is
read and set low when byte 4, location 0CH, is
read. Flag 2 determines whether the channel
status pointer is reading the first four-byte sec-
tion or the second four-byte section, while flag 1
indicates which two bytes of the section are free
to update.
The auxiliary data buffer, locations 10H to 1FH,
is read in a cyclic manner similar to the data
buffer; however, four auxiliary data bits are
transmitted per audio sample (sub-frame). Since
the auxiliary buffer must be read four times as
often as the user data buffer and is four times as
large, flag 0 can be used to monitor both.
Buffer Mode 2
In buffer mode 2, two 8-byte buffers are avail-
able for buffering both channel A and channel B
channel status data independently. Both buffers
are identical to the channel status buffer in
mode 1 except that each channel can have
unique channel status data. The two buffers are
read simultaneously with locations 08H to 0FH
transmitted in channel A and locations 10H to
17H transmitted in channel B. Figure 5 contains
the buffer memory modes and Figure 14 illus-
trates the buffer read sequence for mode 2.
Flag 0
Flag 1
Flag 2
(Expanded)
Block
(384 Audio Samples)
08
0B 0C
0F 08
C.S. Address
0
123
4
5678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
0
1
C.S. Byte
Flag 0
08
09
0A
0B
04
05
06
07
04
05
06
07
C.S. Address
User Address
(Addresses are in Hex)
0F 0C
0F 0C
0F 0C
0F 0C
10
13,14
17 18
1B,1C
1F 10
13,14
17 18
1B,1C
1F
Flag 1
Aux. Address
Figure 13. CS8401A Buffer Memory Read Sequence - MODE 1
CS8401A
14
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com