Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8402A-IP Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # CS8402A-IP
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8402A-IP Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button CS8402A-IP Datasheet HTML 24Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 25Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8402A-IP Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Appendix A: RS422 Driver Information
The RS422 drivers on the CS8401A and CS8402A
are designed to drive both the professional and con-
sumer interfaces. The AES/EBU specification for
professional/broadcast use calls for a 110
Ω source
impedance and a balanced drive capability. Since the
transmitter impedance is very low, a 110
Ω resistor
should be placed in series with one of the transmit
pins. (A 110
Ω resistor in parallel with the trans-
former would, with the receiver impedance of 110
Ω,
provide a 55
Ω load to the part which is too low.)
The specifications call for a balanced output drive of
2-7 volts peak-to-peak into a 110
Ω load with no ca-
ble attached. Using the circuit in Figure A1, the
output of the transformer is short-circuit protected,
has the proper source impedance, and provides a
5 volt peak-to-peak signal into a 110
Ω load. Lastly,
the two output pins should be attached to an XLR
connector with male pins and a female shell, and
with pin 1 of the connector grounded.
In the case of consumer use, the specifications
call for an unbalanced drive circuit with an out-
put impedance of 75
Ω and a output drive level
of 0.5 volts peak-to-peak
±20% when measured
across a 75
Ω load using no cable. The circuit
shown in Figure A2 only uses the TXP pin and
provides the proper output impedance and drive
level using standard 1% resistors. The connector
for consumer would be an RCA phono socket.
This circuit is also short circuit protected.
The TXP pin may be used to drive TTL or
CMOS gates as shown in Figure A3. This circuit
may be used for optical connectors for digital
audio since they are usually TTL compatible.
This circuit is also useful when driving multiple
digital audio outputs since RS422 line drivers
have TTL interfaces.
The transformer should be capable of operating
from 1.5 to 7 MHz, which is the audio data rate
of 25 kHz to 55 kHz after biphase-mark encod-
ing. Transformers provide isolation from ground
loops, 60 Hz noise, and common mode noise
and interference. One of the important considera-
tions when choosing transformers is minimizing
shunt capacitance between primary and secon-
dary windings. The higher the shunt capacitance,
the lower the isolation between primary and sec-
ondary, and the more coupling of high frequency
energy. This energy appears in the form of com-
mon mode noise on the receive side ground and
has the potential to degrade analog performance.
Therefore, for best performance, shielded trans-
f or m er s o p timized f or min imum shunt
capacitance should be used. The following are a
few typical transformers:
Pulse Engineering
Telecom Products Group
7250 Convoy Ct.
San Diego, CA 92111
CS8401/2A
TXN
TXP
110
1
XLR
CS8401/2A
TXN
TXP
374
90.9
RCA
Phono
Figure A1. Professional Output Circuit
Figure A2. Consumer Output Circuit
CS8401/2A
TXN
TXP
TTL or
CMOS Gate
Figure A3. TTL/CMOS Output Circuit
CS8401A CS8402A
28
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com