Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2201 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2201 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL2201 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Regulatory Information
The HCPL-22XX/02XX and
HCNW22XX have been approved
by the following organizations:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approved under CSA Component
Acceptance Notice #5, File CA
88324.
VDE
Approved according to VDE
0884/06.92. (HCPL-2211/2212
Option 060 and HCNW22XX only)
Insulation and Safety Related Specifications
8-pin DIP Package
8-Pin DIP
Widebody
(300 Mil)
SO-8
(400 Mil)
Parameter
Symbol
Value
Value
Value
Units
Conditions
Minimum External
L(101)
7.1
4.9
9.6
mm
Measured from input terminals
Air Gap (External
to output terminals, shortest
Clearance)
distance through air.
Minimum External
L(102)
7.4
4.8
10.0
mm
Measured from input terminals
Tracking (External
to output terminals, shortest
Creepage)
distance path along body.
Minimum Internal
0.08
0.08
1.0
mm
Through insulation distance,
Plastic Gap
conductor to conductor, usually
(Internal Clearance)
the direct distance between the
photoemitter and photodetector
inside the optocoupler cavity.
Minimum Internal
NA
NA
4.0
mm
Measured from input terminals
Tracking (Internal
to output terminals, along
Creepage)
internal cavity.
Tracking Resistance
CTI
200
200
200
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative
Tracking Index)
Isolation Group
IIIa
IIIa
IIIa
Material Group
(DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com