Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2201 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2201 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL2201 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Package Characteristics
Parameter
Sym.
Min. Typ. Max. Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms RH < 50%, t = 1 min.
5, 10
HCNW22XX
5000
TA = 25°C
Input-Output Resistance
RI-O
1012
Ω
VI-O = 500 Vdc
5
HCNW22XX
1012
1013
TA = 25°C
1011
TA = 100°C
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz,
5
HCNW22XX
0.5
0.6
TA = 25°C
Input-Input Insulation
II-I
0.005
µA
Relative Humidity = 45%,
12
Leakage Current
t = 5 s, VI-I = 500 V
Resistance (Input-Input)
RI-I
1011
Ω
VI-I = 500 V
12
Capacitance (Input-Input)
CI-I
0.25
pF
f = 1 MHz
12
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable),
your equipment level safety specification or Agilent Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,”
publication number 5963-2203E.
Withstand
Voltage*
VI-O = 0 Vdc
Notes:
1. Each channel.
2. Derate total package power dissipation, PT, linearly above 70°C free-air temperature at a rate of 4.5 mW/°C.
3. Duration of output short circuit time should not exceed 10 ms.
4. For single devices, input capacitance is measured between pin 2 and pin 3.
5. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
6. The tPLH propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.3 V point on the
leading edge of the output pulse. The tPHL propagation delay is measured from the 50% point on the trailing edge of the input
pulse to the 1.3 V point on the trailing edge of the output pulse.
7. CMH is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic high state,
VO > 2.0 V. CML is the maximum slew rate of the common mode voltage that can be sustained with the output voltage in the logic
low state, VO < 0.8 V.
8. For HCPL-2202/12, VO is on pin 6.
9. Use of a 0.1
µF bypass capacitor connected between pins 5 and 8 is recommended.
10. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 3000 V rms for one second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method
b) shown in the VDE 0884 Insulation Characteristics Table, if applicable.
11. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 6000 V rms for one second
(leakage detection current limit, II-O ≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method
b) shown in the VDE 0884 Insulation Characteristics Table.
12. For HCPL-2231/32 only. Measured between pins 1 and 2, shorted together, and pins 3 and 4, shorted together.
5, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com