Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2201 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2201 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
-60
-8
TA – TEMPERATURE – °C
100
0
-20
-5
20
60
-40
0
40
80
-3
-1
-6
VCC = 4.5 V
IF = 5 mA
-7
-4
-2
VO = 2.7 V
VO = 2.4 V
0
0
IF – INPUT CURRENT – mA
1.5
5
2
1.0
0.5
3
1
VCC = 4.5 V
TA = 25 °C
4
IO = 6.4 mA
IO = -2.6 mA
Figure 1. Typical Logic Low Output
Voltage vs. Temperature.
Figure 2. Typical Logic High Output
Current vs. Temperature.
Figure 3. Typical Output Voltage vs.
Forward Input Current.
1.1
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 °C
10
100
HCPL-22XX
HCPL-02XX
IF
+
–
VF
1.1
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
10
100
HCNW22XX
IF
+
–
VF
1.6
TA = 25 °C
Figure 4. Typical Input Diode Forward Characteristic.
Figure 5. Circuit for tPLH, tPHL, tr,tf.
7
1
4
5
6
8
HCPL-2201/11
HCPL-02XX
HCNW22XX
GND
VCC
5 V
619
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
f = 100 kHz
10 % DUTY
CYCLE
VO = 5 V
ZO = 50
C2 =
15 pF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN C1 AND C2.
OUTPUT VO
MONITORING
NODE
VCC
R1
D1
D2
5 k
Ω
D3
D4
2
3
C1 =
120 pF
R1
IF (ON)
2.15 k
Ω
1.6 mA
1.10 k
Ω
3 mA
681
Ω
5 mA
ALL DIODES ARE 1N916 OR 1N3064.
*
7
4
5
6
8
HCPL-223X
GND
VCC
5 V
619
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
f = 100 kHz
10 % DUTY
CYCLE
VO = 5 V
ZO = 50
C2 =
15 pF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN C1 AND C2.
OUTPUT VO
MONITORING
NODE
VCC
R1
D1
D2
5 k
Ω
D3
D4
2
3
C1 =
120 pF
R1
IF (ON)
1.96 k
Ω
1.8 mA
1.10 k
Ω
3 mA
681
Ω
5 mA
ALL DIODES ARE 1N916 OR 1N3064.
1
*
IF (ON)
50 % IF (ON)
0 mA
tPLH
tPHL
VOH
1.3 V
VOL
INPUT IF
OUTPUT VO
* 0.1 µF BYPASS — SEE NOTE 9.
-60
0
TA – TEMPERATURE – °C
100
1.0
-20
0.4
20
60
-40
0
40
80
0.6
0.8
0.2
VCC = 4.5 V
VF = 0 V
IO = 6.4 mA
0.1
0.3
0.5
0.7
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com