Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2201 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2201 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
HCPL-2211/2212 OPTION 060
175
Figure 11. Typical Input Threshold Current vs. Temperature.
Figure 12. Thermal Derating Curve, Dependence of Safety Limiting Value with
Case Temperature per VDE 0884.
Figure 13a. Recommended LSTTL to LSTTL Circuit where 500 ns Propagation
Delay is Sufficient.
18
27
36
45
1
2
HCPL-2201/11
HCPL-02XX
HCNW22XX
DATA INPUT
TTL OR LSTTL
VCC2 (+5 V)
UP TO 16 LSTTL LOADS
OR 4 TTL LOADS
*
* 0.1 µF BYPASS
1.1 k
Ω
VCC1 (+5 V)
DATA OUTPUT
-60
0.5
TA – TEMPERATURE – °C
100
1.0
-20
0.7
20
60
-40
0
40
80
0.8
0.9
0.6
VCC = 5.0 V
VCC = 20 V
HCPL-22XX
HCPL-02XX
IF (ON)
IF (OFF)
IF (ON)
IF (OFF)
-60
0.5
TA – TEMPERATURE – °C
100
1.0
-20
0.7
20
60
-40
0
40
80
0.8
0.9
0.6
VCC = 5.0 V
VCC = 20 V
HCNW22XX
IF (ON)
IF (OFF)
IF (ON)
IF (OFF)
0
0
TS – CASE TEMPERATURE – °C
175
1000
50
400
125
25
75
100
150
600
800
200
100
300
500
700
900
PS (mW)
IS (mA)
HCNW22XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com