Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2201 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL2201
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2201 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL2201 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL2201 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
-60
50
TA – TEMPERATURE – °C
100
200
250
-20
100
20
60
-40
0
40
80
150
HCNW22XX
VCC = 5.0 V, 20 V
C1 (120 pF) PEAKING CAPACITOR
IS USED. SEE FIGURE 5.
5
3
1.6
1.6,
5
IF (mA)
tPHL
tPLH
Figure 6. Typical Propagation Delays vs. Temperature.
Figure 7. Maximum Output Power per
Channel vs. Supply Voltage.
0
0
VCC – SUPPLY VOLTAGE – V
20
15
20
5
5
10
15
10
TYPICAL
VOH vs. VCC
AT IO = -2.6 mA
TA = 25 °C
-60
0
TA – TEMPERATURE – °C
100
100
-20
40
20
60
-40
0
40
80
60
80
20
tr
VCC = 5 V
tf
Figure 8. Typical Logic High Output
Voltage vs. Supply Voltage.
Figure 9. Typical Rise, Fall Time vs.
Temperature.
Figure 10. Test Circuit for Common Mode Transient Immunity and Typical Waveforms.
VCM (PEAK)
OUTPUT VO
0 V
VOH
|VCM|
VOL
VO (MAX.)*
VO (MIN.)*
SWITCH AT A: IF = 1.6 mA**
SWITCH AT B: VF = 0 V
* SEE NOTE 7, 9.
** IF = 1.8 mA FOR HCPL-2231/32 DEVICES.
-60
50
TA – TEMPERATURE – °C
100
200
250
-20
100
20
60
-40
0
40
80
150
IF (mA)
HCPL-22XX
HCPL-02XX
5
3
1.6*
1.6*
- 5
tPLH
tPHL
VCC = 5.0 V, 20 V
C1 (120 pF) PEAKING
CAPACITOR IS USED.
SEE FIGURE 5.
*IF = 1.8 mA FOR HCPL-223X
DEVICES.
0
0
VCC – SUPPLY VOLTAGE – V
20
60
80
5
20
10
TA = 75 °C
15
40
TA = 85 °C
TA =
80°C
7
1
4
5
6
8
HCPL-2201/11
HCPL-02XX
HCNW22XX
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
RIN
2
3
VFF
A
B
+
VCM
PULSE GENERATOR
+
7
4
5
6
8
HCPL-2231/32
0.1 µF
BYPASS
OUTPUT VO
MONITORING
NODE
VCC
2
3
VFF
A
B
+
VCM
PULSE GENERATOR
1
+
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com