Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9219 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9219
Description  Direct Rambus Clock Generator Lite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9219 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9219 Datasheet HTML 1Page - Integrated Circuit Systems ICS9219 Datasheet HTML 2Page - Integrated Circuit Systems ICS9219 Datasheet HTML 3Page - Integrated Circuit Systems ICS9219 Datasheet HTML 4Page - Integrated Circuit Systems ICS9219 Datasheet HTML 5Page - Integrated Circuit Systems ICS9219 Datasheet HTML 6Page - Integrated Circuit Systems ICS9219 Datasheet HTML 7Page - Integrated Circuit Systems ICS9219 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9219
0931B—10/25/04
Pin Descriptions
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDDT
PWR/IN
Power supply, nominal 3.3V/Test mode
2
GND
PWR
Ground pin.
3
X2
OUT
Crystal output (14MHz to 25MHz)
4X1
IN
Crystal input (14MHz to 25MHz)
5
VDD
PWR
Power supply, nominal 3.3V
6
REF
OUT
Reference of Input
7
GND
PWR
Ground pin.
8FS1*
IN
Frequency select pin.
9FS2*
IN
Real-time frequency select pin with internal 120Kohm pull-up resistor (check
SMBus HW/SW setting for priority).
10
VDD
PWR
Power supply, nominal 3.3V
11
GND
PWR
Ground pin.
12
BUSCLKC
OUT
Output clock connected to the Rambus channel. This output is the complement
of BUSCLK.
13
BUSCLKT
OUT
Output clock connected to the Rambus channel. This output is the true
component of BUSCLK.
14
GND
PWR
Ground pin.
15
VDD
PWR
Power supply, nominal 3.3V
16
FS0*
IN
Frequency select pin.
* Pins have 60K internal pull-up to VDD
Table 2: Function Table
3.3V
0
0
0
16
NORMAL
INPUT x MULT
BUSCLKC
INPUT
3.3V
1
1
1
21.33
NORMAL
INPUT x MULT
BUSCLKC
INPUT
3.3V
1
1
0
16
NORMAL
INPUT x MULT
BUSCLKC
INPUT
3.3V
0
0
1
21.33
NORMAL
INPUT x MULT
BUSCLKC
INPUT
3.3V
1
0
X
-
TEST
BUSCLKT/2
BUSCLKC/2
INPUT
3.3V
0
1
X
-
TEST
BUSCLKT/4
BUSCLKC/4
INPUT
0
0
0
X
-
TEST
X1
X1(INVERT)
INPUT
0
1
1
X
-
TEST
X1
X1(INVERT)
INPUT
0
1
0
X
-
TEST
X1/2
X1(INVERT)/2
INPUT
0
0
1
X
-
TEST
X1/4
X1(INVERT)/4
INPUT
BUSCLKC
REF
VDDT
FS(2:0)
INPUT
MULT
MODE
BUSCLKT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com