Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9219 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9219
Description  Direct Rambus Clock Generator Lite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9219 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9219 Datasheet HTML 1Page - Integrated Circuit Systems ICS9219 Datasheet HTML 2Page - Integrated Circuit Systems ICS9219 Datasheet HTML 3Page - Integrated Circuit Systems ICS9219 Datasheet HTML 4Page - Integrated Circuit Systems ICS9219 Datasheet HTML 5Page - Integrated Circuit Systems ICS9219 Datasheet HTML 6Page - Integrated Circuit Systems ICS9219 Datasheet HTML 7Page - Integrated Circuit Systems ICS9219 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS9219
0931B—10/25/04
Absolute Maximum Ratings over operating free-air temperature
Supply voltage range, VDD or VDDT (see Note 1)
-0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,VI, at any input terminal
-0.5 V to V DD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any output terminal (BUSCLKT/C)
-0.5 V to V DD + 0.5 V
. . . . . . . . . . . . . . . . . . . .
ESD rating (MIL-STD 883C, Method 3015)
> 2 kV, Machine Model >200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
˚C to 85˚C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
-65˚
C to 150˚C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminals.
0
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
33.3
3.6
V
Low-level input voltage, VIL
FS (2:0)
0.35 x VDD
High-level input voltage, VIH
FS (2:0)
0.65 x VDD
Internal pullup resistance
FS (2:0)
90
150
k
14.0625
25
26
MHz
BUSCLKT/C
16
REF
10
BUSCLKT/C
-16
REF
-10
FS (2:0)
15
X1, X2
15
085
C
Supply voltage, VDD
High-level output current, IOH
Operating free-air temperature
pF
Input capacitance (CMOS), CL
V
mA
mA
Low-level output current, IOL
Input frequency at crystal input
Timing Requirements
MIN
MAX
UNIT
Clock cycle time, t(CYCLE)
2.5
3.7
ns
Input slew rate, SR
0.5
4
V/ns
State transition latency (VDDX or S0 to CLKs - normal mode), t(STL)
3ms
Crystal Specifications
MIN
MAX
UNIT
Frequency
14.0625
26
MHz
Frequency tolerance (at 25°C) ± 3°C)
-15
15
ppm
Equivalent resistance (CL = 10 pF)
100
Temperature drift (-10°C to 75°C)
10
ppm
Drive level
0.01
1500
µΩ
Motional inductance
20.7
25.3
mH
Insulation resistance
500
M
Spurious attenuation ratio (at frequency ±500 kHz)
3dB
Overtone spurious
8
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com