Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9219 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9219
Description  Direct Rambus Clock Generator Lite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9219 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9219 Datasheet HTML 1Page - Integrated Circuit Systems ICS9219 Datasheet HTML 2Page - Integrated Circuit Systems ICS9219 Datasheet HTML 3Page - Integrated Circuit Systems ICS9219 Datasheet HTML 4Page - Integrated Circuit Systems ICS9219 Datasheet HTML 5Page - Integrated Circuit Systems ICS9219 Datasheet HTML 6Page - Integrated Circuit Systems ICS9219 Datasheet HTML 7Page - Integrated Circuit Systems ICS9219 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9219
0931B—10/25/04
Block Diagram
Direct Rambus™ Clock Generator Lite
ICS9219 is a High-speed clock generator providing 400 or
533 MHz differential clock source for direct Rambus
memory system. ICS9219 takes a crystal as an input
reference source, and produces the differential output
clock required for the Rambus channel. ICS9219 provides
a solution for a broad range of Direct Rambus memory
applications. ICS9219 can be used in single or dual
Rambus channels. An additional LVCMOS output, which
provides a reference clock at the crystal frequency for the
other system blocks is also included.
Compatible with all Direct RambusTM based ICs
Provides differential clock source for direct
Rambus memory system with 1GHz data transfer
rate capability
Cycle to Cycle jitter is less than 100ps
3.3V + 4% supply
LVCMOS REF clock @ crystal frequency
Output edge rate control to minimize EMI
PLL
Control
Logic
Xtal
OSC
FS0
X1
X2
FS1
VDDT
FS2
BUSCLKT
BUSCLKC
REF
VDDT 1
16 FS0*
GND 2
15 VDD
X2 3
14 GND
X1 4
13 BUSCLKT
VDD 5
12 BUSCLKC
REF 6
11 GND
GND 7
10 VDD
FS1* 8
9 FS2*
Pin Configuration
16-Pin 173 mil TSSOP
* Pins have 60K internal pull-up to VDD
Table 1. PLL Multiplier Selection and Output Frequency
FS0
Mult
BUSCLK
1
0
16
400.00
1
21.33
2
533.30
Notes:
1Output frequencies are based on 25MHz XTAL Input
multipliers are also applicable to spread spectrum modulated input clocks.
2 Default muliplier value at power up.


Similar Part No. - ICS9219

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9212-03 RENESAS-ICS9212-03 Datasheet
138Kb / 7P
Direct Rambus™ Clock Generator
05/24/05
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Renesas Technology Corp
ICS9212-13 RENESAS-ICS9212-13 Datasheet
458Kb / 8P
Direct Rambus™ Clock Generator
2019
ICS9212YF-03LF-T RENESAS-ICS9212YF-03LF-T Datasheet
138Kb / 7P
Direct Rambus™ Clock Generator
05/24/05
logo
Integrated Circuit Syst...
ICS9212YF-13LF ICST-ICS9212YF-13LF Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
More results

Similar Description - ICS9219

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Texas Instruments
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
DIRECT RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
Direct Rambus??Clock Generator (Lite)
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com