Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9219 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9219
Description  Direct Rambus Clock Generator Lite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9219 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9219 Datasheet HTML 1Page - Integrated Circuit Systems ICS9219 Datasheet HTML 2Page - Integrated Circuit Systems ICS9219 Datasheet HTML 3Page - Integrated Circuit Systems ICS9219 Datasheet HTML 4Page - Integrated Circuit Systems ICS9219 Datasheet HTML 5Page - Integrated Circuit Systems ICS9219 Datasheet HTML 6Page - Integrated Circuit Systems ICS9219 Datasheet HTML 7Page - Integrated Circuit Systems ICS9219 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9219
0931B—10/25/04
MIN
TYP**
MAX
UNIT
V
X
1.25
1.6
1.85
V
V
COS
V
OH - VOL
See Figure 1
0.4
0.6
0.7
V
V
IK
V
DD = 3V
I
I = -18 mA
-1.2
V
R
I
Input res istanc e
X1, X2
V
DD = 3.3V
V
I = VO
>50
k
X2
V
DD = 3.3V
V
O = 2V
27
mA
FS0
V
DD = 3.6V
V
I = VDD
10
FS1, FS2
V
DD = 3.6V
V
I = VDD
10
X2
V
DD = 3.6V
V
O = 0V
-5.7
mA
FS0
V
DD = 3.6V
V
I = 0V
-30
-100
FS1, FS2
V
DD = 3.6V
V
I = 0V
-10
-50
2.1
V
DD = min to max
I
OH = -1 m A
V
DD -
0.1V
V
DD = 3V
I
OH = - 16 mA
2.2
2.5
1
V
DD = min to max
I
OH = 1 mA
0.05
0.1
V
DD = 3V
I
OH = 16 mA
0.25
0.5
V
DD = 3.135V
V
O = 1V
-50
-32
V
DD = 3.3V
V
O = 1.65V
-50
V
DD = 3.465V
V
O = 3.135V
-21
-15
V
DD = 3.135V
V
O = 1.95V
43
69
V
DD = 3.3V
V
O = 1.65V
69
V
DD = 3.465V
V
O = 0.9V
30
36
r
OH
12
25
40
r
OL
12
17
40
C
O
O utput capacitance
BUSCLKT,
BUSCLKC, REF
3pF
I
DD
6.5
mA
I
DDL
50
mA
84
100
mA
91
120
mA
Static supply c urrent
Static supply c urrent
I
OL
I
OH
Low-level output
c urrent
BUSCLKT/C,
REF
High-level dynamic output res istance4
Low-lev el dy namic output resis tanc e4
400 MHz
533MHz
See Figure 1
V
O utputs high or low (V
DDT = 0V)
O utputs high or low (V
DDT = 0V)
∠I
O - 14.5 mA to ∠IO - 16.5 mA
∠I
O - 14.5 mA to ∠IO - 16.5 mA
BUSCLKT/C,
REF
Low-level input
current
V
OL
Low-level output
v oltage
V
OH
mA
mA
I
IL
PARAMETER
See Figures 1 and 2
Electrical Characteristics over Recommended Operating Free-Air Temperature
* V
DD refers to any of the follow ing: VDD, VDDT.
** All ty pic al values are at V
DD = 3.3V, T A 25°C.
4 r
O = ∠VO/∠IO. T his is defined at the output terminals , not at the meas ur ement point of figure 1.
TEST CO NDITIO NS*
I
IH
High-level input
current
Differential crossing-point output
voltage
Peak-to-peak output voltage swing,
s ingle ended
Input clamp voltage
I
DD (NORMA L)
Supply current in normal state
See Figure 1
V
BUSCLKT/C,
REF
High-lev el output
v oltage
mA
mA
High-lev el output
c urrent
BUSCLKT/C,
REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com