Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9219 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9219
Description  Direct Rambus Clock Generator Lite
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9219 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9219 Datasheet HTML 1Page - Integrated Circuit Systems ICS9219 Datasheet HTML 2Page - Integrated Circuit Systems ICS9219 Datasheet HTML 3Page - Integrated Circuit Systems ICS9219 Datasheet HTML 4Page - Integrated Circuit Systems ICS9219 Datasheet HTML 5Page - Integrated Circuit Systems ICS9219 Datasheet HTML 6Page - Integrated Circuit Systems ICS9219 Datasheet HTML 7Page - Integrated Circuit Systems ICS9219 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9219
0931B—10/25/04
Switching Characteristics over Recommended Operating Free-Air Temperature Range.
MIN
TYP**
MAX
UNIT
t(CYCLE)
1.8
3.7
ns
400 MHz
42
50
533 MHz
33
50
400 MHz
300
533 MHz
300
DC
43%
51
53%
400 MHz
30
50
533 MHz
30
50
tCR, tDF
Output rise and fall times (measured at
20%-80% of output voltage)
BUSCLKT/C
120
250
400
ps
∆t
RF
50
100
ps
tCYCLE(L)
80
142.2
ns
t(CJ)
-0.2
0.1
0.2
ns
t(CJ10)
-1.3 t(CJ)
1.3 t(CJ)
ns
DC(2)
Output duty cycle
REF
47%
50
53%
tCRL, tCFL
Output rise and fall times (measured at
20%-80% of output voltage)
REF
0.8
1
ns
-3
-20
TEST CONDITIONS*
Clock cycle time (BUSCLKT/C)
PARAMETER
See Figure 7
See Figure 7
Difference between rise and fall times on a single
device (20% ± 80%) |tCR - tCF|
Output duty cycle over 10,000 cycles
REF cycle jitter
REF 10-cycle jitter
Clock cycle time (REF)
See Figure 8
Measured at 50%
dB
PLL loop bandwidth
See Figure 7
fmod = 50 kHz
fmod = 8 MHz
ps
ps
ps
See Figure 6
See Figure 4
See Figure 3
See Figure 5
Total jitter over 1, 2, 3, 4, 5 or 6 clock
cycles
tJ
tJL
tDC,ERR
Output cycle-to-cycle duty cycle error
Long-term jitter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com