Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 58Page - STMicroelectronics LSM6DSL Datasheet HTML 59Page - STMicroelectronics LSM6DSL Datasheet HTML 60Page - STMicroelectronics LSM6DSL Datasheet HTML 61Page - STMicroelectronics LSM6DSL Datasheet HTML 62Page - STMicroelectronics LSM6DSL Datasheet HTML 63Page - STMicroelectronics LSM6DSL Datasheet HTML 64Page - STMicroelectronics LSM6DSL Datasheet HTML 65Page - STMicroelectronics LSM6DSL Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
Register description
LSM6DSL
62/113
DocID028475 Rev 5
9.16
CTRL4_C (13h)
Control register 4 (r/w).
9.17
CTRL5_C (14h)
Control register 5 (r/w).
Table 59. CTRL5_C register
Table 57. CTRL4_C register
DEN_
XL_EN
SLEEP
INT2_on_
INT1
DEN_DRDY
_INT1
DRDY_
MASK
I2C_disable LPF1_SEL_G
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 58. CTRL4_C register description
DEN_XL_EN
Extend DEN functionality to accelerometer sensor. Default value: 0
(0: disabled; 1: enabled)
SLEEP
Gyroscope sleep mode enable. Default value: 0
(0: disabled; 1: enabled)
DEN_DRDY
_INT1
DEN DRDY signal on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_on_INT1 All interrupt signals available on INT1 pad enable. Default value: 0
(0: interrupt signals divided between INT1 and INT2 pads;
1: all interrupt signals in logic or on INT1 pad)
DRDY_MASK
Configuration 1 data available enable bit. Default value: 0
(0: DA timer disabled; 1: DA timer enabled)
I2C_disable
Disable I2C interface. Default value: 0
(0: both I2C and SPI enabled; 1: I2C disabled, SPI only enabled)
LPF1_SEL_G
Enable gyroscope digital LPF1. The bandwidth can be selected through
FTYPE[1:0] in CTRL6_C (15h).
(0: disabled; 1: enabled)
ROUNDING2 ROUNDING1 ROUNDING0
DEN
_LH
ST1_G
ST0_G
ST1_XL
ST0_XL
Table 60. CTRL5_C register description
ROUNDING[2:0] Circular burst-mode (rounding) read from the output registers.
Default value: 000
(000: no rounding; Others: refer to Table 61
DEN_LH
DEN active level configuration. Default value: 0
(0: active low; 1: active high)
ST_G [1:0]
Angular rate sensor self-test enable. Default value: 00
(00: Self-test disabled; Other: refer to Table 62)
ST_XL [1:0]
Linear acceleration sensor self-test enable. Default value: 00
(00: Self-test disabled; Other: refer to Table 63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com