Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 47Page - STMicroelectronics LSM6DSL Datasheet HTML 48Page - STMicroelectronics LSM6DSL Datasheet HTML 49Page - STMicroelectronics LSM6DSL Datasheet HTML 50Page - STMicroelectronics LSM6DSL Datasheet HTML 51Page - STMicroelectronics LSM6DSL Datasheet HTML 52Page - STMicroelectronics LSM6DSL Datasheet HTML 53Page - STMicroelectronics LSM6DSL Datasheet HTML 54Page - STMicroelectronics LSM6DSL Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
DocID028475 Rev 5
51/113
LSM6DSL
Register description
113
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w).
Table 20. FUNC_CFG_ACCESS register description
9.2
SENSOR_SYNC_TIME_FRAME (04h)
Sensor synchronization time frame register (r/w).
Table 23. SENSOR_SYNC_TIME_FRAME register description
Table 19. FUNC_CFG_ACCESS register
FUNC_
CFG_EN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
FUNC_
CFG_EN_B
0(1)
0(1)
0(1)
0(1)
0(1)
FUNC_CFG_
EN
Enable access to the embedded functions configuration registers bank A and B(1).
Default value: 0. Refer to Table 21.
1. The embedded functions configuration registers details are available in Section 10: Embedded functions
register mapping, Section 11: Embedded functions registers description - Bank A, and Section 12:
Embedded functions registers description - Bank B.
FUNC_CFG_
EN_B
Enable access to the embedded functions configuration register bank B (1).
Default value: 0. Refer to Table 21.
Table 21. Configuration of embedded functions register banks
FUNC_CFG_EN
FUNC_CFG_EN_B
Status of embedded register banks
0
0
Bank A and B disabled (default)
0
1
Forbidden
1
0
Bank A enabled
1
1
Bank B enabled
Table 22. SENSOR_SYNC_TIME_FRAME register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
TPH_3
TPH_2
TPH_1
TPH_0
TPH_ [3:0]
Sensor synchronization time frame with the step of 500 ms and full range of 5 s.
Unsigned 8-bit.
Default value: 0000 0000 (sensor sync disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com