Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 50 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 46Page - STMicroelectronics LSM6DSL Datasheet HTML 47Page - STMicroelectronics LSM6DSL Datasheet HTML 48Page - STMicroelectronics LSM6DSL Datasheet HTML 49Page - STMicroelectronics LSM6DSL Datasheet HTML 50Page - STMicroelectronics LSM6DSL Datasheet HTML 51Page - STMicroelectronics LSM6DSL Datasheet HTML 52Page - STMicroelectronics LSM6DSL Datasheet HTML 53Page - STMicroelectronics LSM6DSL Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
Register mapping
LSM6DSL
50/113
DocID028475 Rev 5
SENS_SYNC_SPI_
ERROR_CODE
r/w
61
0110 0001
00000000
RESERVED
-
62-65
-
Reserved
OUT_MAG_RAW_X_L
r
66
01100110
output
External
magnetometer raw
data output registers
OUT_MAG_RAW_X_H
r
67
01100111
output
OUT_MAG_RAW_Y_L
r
68
01101000
output
OUT_MAG_RAW_Y_H
r
69
01101001
output
OUT_MAG_RAW_Z_L
r
6A
01101010
output
OUT_MAG_RAW_X_H
r
6B
01101011
output
RESERVED
-
6C-72
-
Reserved
X_OFS_USR
r/w
73
01110011
00000000
Accelerometer
user offset correction
Y_OFS_USR
r/w
74
01110100
00000000
Z_OFS_USR
r/w
75
01110101
00000000
RESERVED
-
76-7F
-
Reserved
Table 18. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com