Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 22 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 18Page - STMicroelectronics LSM6DSL Datasheet HTML 19Page - STMicroelectronics LSM6DSL Datasheet HTML 20Page - STMicroelectronics LSM6DSL Datasheet HTML 21Page - STMicroelectronics LSM6DSL Datasheet HTML 22Page - STMicroelectronics LSM6DSL Datasheet HTML 23Page - STMicroelectronics LSM6DSL Datasheet HTML 24Page - STMicroelectronics LSM6DSL Datasheet HTML 25Page - STMicroelectronics LSM6DSL Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
Module specifications
LSM6DSL
22/113
DocID028475 Rev 5
RnRMS
Gyroscope RMS noise in
normal/low-power mode(7)
75
mdps
An
Acceleration noise density
in high-performance mode(8)
FS = ±2 g
90
μg/√Hz
FS = ±4 g
90
FS = ±8 g
90
FS = ±16 g
130
RMS
Acceleration RMS noise
in normal/low-power mode(9)(10)
FS = ±2 g
1.8
mg(RMS)
FS = ±4 g
2.0
FS = ±8 g
2.4
FS = ±16 g
3.0
LA_ODR
Linear acceleration output data
rate
1.6(11)
12.5
26
52
104
208
416
833
1666
3332
6664
Hz
G_ODR Angular rate output data rate
12.5
26
52
104
208
416
833
1666
3332
6664
Vst
Linear acceleration
self-test output change(12)(13)(14)
90
1700
mg
Angular rate
self-test output change(15)(16)
FS = 245 dps
20
80
dps
FS = 2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sensitivity values after factory calibration test and trimming
3. Subject to change.
4. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited
number of samples. Not measured during final test for production.
5. Values after factory calibration test and trimming.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com