Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 96 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 96 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 92Page - STMicroelectronics LSM6DSL Datasheet HTML 93Page - STMicroelectronics LSM6DSL Datasheet HTML 94Page - STMicroelectronics LSM6DSL Datasheet HTML 95Page - STMicroelectronics LSM6DSL Datasheet HTML 96Page - STMicroelectronics LSM6DSL Datasheet HTML 97Page - STMicroelectronics LSM6DSL Datasheet HTML 98Page - STMicroelectronics LSM6DSL Datasheet HTML 99Page - STMicroelectronics LSM6DSL Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
Embedded functions register mapping
LSM6DSL
96/113
DocID028475 Rev 5
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
MAG_SI_YZ
r/w
29
00101001
00000000
MAG_SI_ZX
r/w
2A
00101010
00000000
MAG_SI_ZY
r/w
2B
00101011
00000000
MAG_SI_ZZ
r/w
2C
00101100
00001000
MAG_OFFX_L
r/w
2D
00101101
00000000
MAG_OFFX_H
r/w
2E
00101110
00000000
MAG_OFFY_L
r/w
2F
00101111
00000000
MAG_OFFY_H
r/w
30
00110000
00000000
MAG_OFFZ_L
r/w
31
00110001
00000000
MAG_OFFZ_H
r/w
32
00110010
00000000
Table 223. Register address map - Bank B - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
A_WRIST_TILT_LAT
r/w
50
01010000
00001111
RESERVED
-
51-53
Reserved
A_WRIST_TILT_THS
r/w
54
01010100
00100000
RESERVED
-
55-58
Reserved
A_WRIST_TILT_Mask
r/w
59
01011001
11000000
Table 222. Register address map - Bank A - embedded functions (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com