Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSL Datasheet(PDF) 107 Page - STMicroelectronics

Part # LSM6DSL
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSL Datasheet(HTML) 107 Page - STMicroelectronics

Back Button LSM6DSL Datasheet HTML 103Page - STMicroelectronics LSM6DSL Datasheet HTML 104Page - STMicroelectronics LSM6DSL Datasheet HTML 105Page - STMicroelectronics LSM6DSL Datasheet HTML 106Page - STMicroelectronics LSM6DSL Datasheet HTML 107Page - STMicroelectronics LSM6DSL Datasheet HTML 108Page - STMicroelectronics LSM6DSL Datasheet HTML 109Page - STMicroelectronics LSM6DSL Datasheet HTML 110Page - STMicroelectronics LSM6DSL Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 113 page
background image
DocID028475 Rev 5
107/113
LSM6DSL
Embedded functions registers description - Bank B
113
12
Embedded functions registers description - Bank B
12.1
A_WRIST_TILT_LAT (50h)
Absolute Wrist Tilt latency register (r/w).
12.2
A_WRIST_TILT_THS (54h)
Absolute Wrist Tilt threshold register (r/w).
12.3
A_WRIST_TILT_Mask (59h)
Absolute Wrist Tilt mask register (r/w).
Table 288. A_WRIST_TILT_LAT register
WRIST_TILT
_ TIMER7
WRIST_TILT
_ TIMER6
WRIST_TILT
_ TIMER5
WRIST_TILT
_ TIMER4
WRIST_TILT
_ TIMER3
WRIST_TILT
_ TIMER2
WRIST_TILT
_ TIMER1
WRIST_TILT
_ TIMER0
Table 289. A_WRIST_TILT_LAT register description
WRIST_TILT_TIMER[7:0]
Absolute wrist tilt latency parameters. 1 LSB = 40 ms.
Default value: 0Fh (600 ms)
Table 290. A_WRIST_TILT_THS register
WRIST_
TILT_ THS7
WRIST_
TILT_ THS6
WRIST_
TILT_ THS5
WRIST_
TILT_ THS4
WRIST_
TILT_ THS3
WRIST_
TILT_ THS2
WRIST_
TILT_ THS1
WRIST_
TILT_ THS0
Table 291. A_WRIST_TILT_THS register description
WRIST_TILT_THS[7:0]
Absolute wrist tilt threshold parameters. 1 LSB = 15.625 mg.
Default value: 20h (500 mg)
Table 292. A_WRIST_TILT_Mask register
WRIST_TILT_
MASK_ Xpos
WRIST_TILT_
MASK_ Xneg
WRIST_TILT_
MASK_ Ypos
WRIST_TILT_
MASK_Yneg
WRIST_TILT_
MASK_ Zpos
WRIST_TILT_
MASK_ Zneg
00
Table 293. A_WRIST_TILT_Mask register description
WRIST_TILT_MASK_ Xpos
Absolute wrist tilt positive X-axis enable. Default value: 1
(0: disable; 1: enable)
WRIST_TILT_MASK_ Xneg
Absolute wrist tilt negative X-axis enable. Default value: 1
(0: disable; 1: enable)
WRIST_TILT_MASK_ Ypos
Absolute wrist tilt positive Y-axis enable. Default value: 0
(0: disable; 1: enable)
WRIST_TILT_MASK_ Yneg
Absolute wrist tilt negative Y-axis enable. Default value: 0
(0: disable; 1: enable)
WRIST_TILT_MASK_ Zpos
Absolute wrist tilt positive Z-axis enable. Default value: 0
(0: disable; 1: enable)
WRIST_TILT_MASK_ Zneg
Absolute wrist tilt negative Z-axis enable. Default value:0
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com