Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL313X Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 61Page - STMicroelectronics STM8AL313X Datasheet HTML 62Page - STMicroelectronics STM8AL313X Datasheet HTML 63Page - STMicroelectronics STM8AL313X Datasheet HTML 64Page - STMicroelectronics STM8AL313X Datasheet HTML 65Page - STMicroelectronics STM8AL313X Datasheet HTML 66Page - STMicroelectronics STM8AL313X Datasheet HTML 67Page - STMicroelectronics STM8AL313X Datasheet HTML 68Page - STMicroelectronics STM8AL313X Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 124 page
background image
DocID18474 Rev 7
65/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
9.3.3
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
•
All I/O pins in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except if explicitly mentioned.
General conditions for VDD apply, TA = -40 °C to 125 °C.
Table 21. Total current consumption in Run mode
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(RUN)
Supply
current in
run mode(1)
All
peripherals
OFF,
code
executed
from RAM,
VDD from
1.65 V to
3.6 V
HSI RC osc.
(16 MHz)(2)
fCPU = 125 kHz
0.40
0.55(3)
mA
fCPU = 1 MHz
0.50
0.65(3)
fCPU = 4 MHz
0.75
1.00(3)
fCPU = 8 MHz
1.10
1.40(3)
fCPU = 16 MHz
1.85
2.35
HSE external
clock
(fCPU=fHSE)
(4)
fCPU = 125 kHz
0.05
0.10(3)
fCPU = 1 MHz
0.20
0.25(3)
fCPU = 4 MHz
0.55
0.75(3)
fCPU = 8 MHz
1.00
1.25(3)
fCPU = 16 MHz
1.90
2.30(3)
LSI RC osc.
(typ. 38 kHz)
fCPU = fLSI
40
50(3)
μA
LSE external
clock
(32.768 kHz)
fCPU = fLSE
40
60(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com