Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL313X Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 30Page - STMicroelectronics STM8AL313X Datasheet HTML 31Page - STMicroelectronics STM8AL313X Datasheet HTML 32Page - STMicroelectronics STM8AL313X Datasheet HTML 33Page - STMicroelectronics STM8AL313X Datasheet HTML 34Page - STMicroelectronics STM8AL313X Datasheet HTML 35Page - STMicroelectronics STM8AL313X Datasheet HTML 36Page - STMicroelectronics STM8AL313X Datasheet HTML 37Page - STMicroelectronics STM8AL313X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 124 page
background image
Pin description
STM8AL313x/4x/6x STM8AL3L4x/6x
34/124
DocID18474 Rev 7
Note:
The slope control of all GPIO pins, except true open drain pins, can be programmed. By
default, the slope control is limited to 2 MHz.
13
9
9 VLCD(2)
S-
-
-
-
-
-
-
LCD booster external capacitor
13
-
-
Reserved(8)
--
-
-
-
-
-
-
Reserved. Must be tied to VDD
10
-
-
VDD
S
-
-
-
-
-
-
- Digital power supply
11
-
-
VDDA
S
-
-
-
-
-
-
- Analog supply voltage
12
-
-
VREF+
S-
-
-
-
-
-
-
ADC1 and DAC positive voltage
reference
-8
8 VDD1/VDDA/VREF+
S-
-
-
-
-
-
-
Digital power supply / Analog
supply voltage / ADC1 positive
voltage reference
97
7 VSS1/VSSA/VREF-
S-
-
-
-
-
-
-
I/O ground / Analog ground
voltage / ADC1 negative voltage
reference
39
-
-
VDD2
S
-
-
-
-
-
-
- IOs supply voltage
40
-
-
VSS2
S
-
-
-
-
-
-
- IOs ground voltage
132
32
PA0(9)/[USART1_CK](4)/
SWIM/BEEP/IR_TIM (10)
I/O
-
X X(9) XHS(10) X
X Port A0
[USART1 synchro-
nous clock](4) / SWIM
input and output /
Beep output / Infrared
Timer output
1. At power-up, the PA1/NRST pin is a reset input pin with pull-up. It is used as a general purpose pin (PA1) and can be
configured only as output push-pull, not as output open drain or as a general purpose input. Refer to Section Configuring
NRST/PA1 pin as general purpose output in STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31,
STM8AL3L MCU lines reference manual (RM0031).
2. Available on STM8AL3Lxx devices only.
3. In the 3.6 V tolerant I/Os, protection diode to VDD is not implemented.
4.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
5. In the 5 V tolerant I/Os, protection diode to VDD is not implemented.
6. A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
7. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
8. Available on STM8AL31xx devices only.
9. The PA0 pin is in input pull-up during the reset phase and after reset release.
10. High sink LED driver capability available on PA0.
Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued)
Pin number
Pin name
Input
Output
Default alternate
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com