Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL313X Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 94Page - STMicroelectronics STM8AL313X Datasheet HTML 95Page - STMicroelectronics STM8AL313X Datasheet HTML 96Page - STMicroelectronics STM8AL313X Datasheet HTML 97Page - STMicroelectronics STM8AL313X Datasheet HTML 98Page - STMicroelectronics STM8AL313X Datasheet HTML 99Page - STMicroelectronics STM8AL313X Datasheet HTML 100Page - STMicroelectronics STM8AL313X Datasheet HTML 101Page - STMicroelectronics STM8AL313X Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
98/124
DocID18474 Rev 7
9.3.13
12-bit DAC characteristics
In the following table, data are guaranteed by design, not tested in production.
Table 53. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.8
-
3.6
V
VREF+
Reference supply voltage
-
1.8
-
VDDA
IVREF
Current consumption on VREF+
supply
VREF+ = 3.3 V, no
load, middle code
(0x800)
-
130
220
µA
VREF+ = 3.3 V, no
load, worst code
(0x000)
-
220
350
IVDDA
Current consumption on VDDA
supply
VDDA = 3.3 V, no
load, middle code
(0x800)
-
210
320
VDDA = 3.3 V, no
load, worst code
(0x000)
-
320
520
TA
Temperature range
-
-40
-
125
°C
RL
Resistive load(1) (2)
DACOUT buffer ON
5
-
-
k
Ω
RO
Output impedance
DACOUT buffer OFF
-
8
10
CL
Capacitive load(3)
--
-
50
pF
DAC_OUT DAC_OUT voltage(4)
DACOUT buffer ON
0.2
-
VDDA-0.2
V
DACOUT buffer OFF
0
-
VREF+ -1 LSB
tsettling
Settling time (full scale: for a 12-
bit input code transition between
the lowest and the highest input
codes when DAC_OUT reaches
the final value ±1LSB
)
RL ≥5 kΩ, CL≤ 50 pF
-
7
12
µs
Update rate
Max frequency for a correct
DAC_OUT (@95%) change
when small variation of the input
code (from code i to i+1LSB).
RL ≥ 5 kΩ, CL ≤50 pF
-
-
1
Msps
tWAKEUP
Wakeup time from OFF state.
Input code between lowest and
highest possible codes.
RL ≥5 kΩ, CL≤50 pF
-
9
15
µs
PSRR+
Power supply rejection ratio (to
VDDA) (static DC measurement
)
RL≥ 5 kΩ, CL≤50 pF
--60
-35
dB
1. Resistive load between DACOUT and GNDA
2. Output on PF0 (48-pin package only)
3. Capacitive load at DACOUT pin
4. It gives the output excursion of the DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com