Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL313X Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 92Page - STMicroelectronics STM8AL313X Datasheet HTML 93Page - STMicroelectronics STM8AL313X Datasheet HTML 94Page - STMicroelectronics STM8AL313X Datasheet HTML 95Page - STMicroelectronics STM8AL313X Datasheet HTML 96Page - STMicroelectronics STM8AL313X Datasheet HTML 97Page - STMicroelectronics STM8AL313X Datasheet HTML 98Page - STMicroelectronics STM8AL313X Datasheet HTML 99Page - STMicroelectronics STM8AL313X Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 124 page
background image
Electrical parameters
STM8AL313x/4x/6x STM8AL3L4x/6x
96/124
DocID18474 Rev 7
9.3.11
Temperature sensor
In the following table, data are based on characterization results, not tested in production,
unless otherwise specified.
9.3.12
Comparator characteristics
In the following table, data are guaranteed by design, not tested in production, unless
otherwise specified.
Table 50. TS characteristics
Symbol
Parameter
Min
Typ
Max.
Unit
V125(1)
1. Tested in production at VDD = 3 V ±10 mV. The 8 LSB of the V125 ADC conversion result are stored in the
TS_Factory_CONV_V125 byte.
Sensor reference voltage at
125 °C ±5 °C
0.640
0.660
0.680
V
TL
VSENSOR linearity with temperature
-
±1
±2
°C
Avg_slope
Average slope
1.59(2)
2. Data guaranteed by design, not tested in production.
1.62
1.65(2)
mV/°C
IDD(TEMP)
Consumption
-
3.4
6(2)
µA
TSTART(3)
3. Defined for ADC output reaching its final value ±1/2LSB.
Temperature sensor startup time
-
-
10(2)
µs
TS_TEMP
ADC sampling time when reading the
temperature sensor
-5
10(2)
Table 51. Comparator 1 characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VDDA
Analog supply voltage
1.65
-
3.6(1)
1. Data based on characterization, not tested in production.
V
TA
Temperature range
-40
-
125(1)
°C
R400K
R400K value
300
400
500(1)
k
Ω
R10K
R10K value
7.5
10
12.5(1)
VIN
Comparator input voltage range
0.6
-
VDDA(1)
V
VREFINT
Internal reference voltage
1.202
1.224
1.242
tSTART
Startup time after enable
-
7
10(1)
µs
td
Propagation delay(2)
2. The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
-3
10(1)
Voffset
Comparator offset error
-
±3
±10(1)
mV
ICMP1
Consumption(3)
3. Comparator consumption only. Internal reference voltage not included.
-
160
260(1)
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com