Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL313X Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 63Page - STMicroelectronics STM8AL313X Datasheet HTML 64Page - STMicroelectronics STM8AL313X Datasheet HTML 65Page - STMicroelectronics STM8AL313X Datasheet HTML 66Page - STMicroelectronics STM8AL313X Datasheet HTML 67Page - STMicroelectronics STM8AL313X Datasheet HTML 68Page - STMicroelectronics STM8AL313X Datasheet HTML 69Page - STMicroelectronics STM8AL313X Datasheet HTML 70Page - STMicroelectronics STM8AL313X Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 124 page
background image
DocID18474 Rev 7
67/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
Figure 13. Typ. IDD(RUN) vs. VDD, fCPU = 16 MHz1)
1. Typical current consumption measured with code executed from RAM.
Table 22. Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
Typ
Max
Unit
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from RAM
with Flash in IDDQ
mode,(2)
VDD from
1.65 V to 3.6 V
HSI
fCPU = 125 kHz
0.35
0.45(3)
mA
fCPU = 1 MHz
0.35
0.50(3)
fCPU = 4 MHz
0.40
0.60(3)
fCPU = 8 MHz
0.50
0.60(3)
fCPU = 16 MHz
0.70
0.85
HSE external
clock
(fCPU=fHSE)(4)
fCPU = 125 kHz
0.05
0.10(3)
fCPU = 1 MHz
0.10
0.20(3)
fCPU = 4 MHz
0.20
0.40(3)
fCPU = 8 MHz
0.40
0.65(3)
fCPU = 16 MHz
0.76
1.15(3)
LSI
fCPU = fLSI
0.06
0.08(3)
LSE(5)
external clock
(32.768
kHz)
fCPU = fLSE
0.05
0.07(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com