Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL313X Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 99Page - STMicroelectronics STM8AL313X Datasheet HTML 100Page - STMicroelectronics STM8AL313X Datasheet HTML 101Page - STMicroelectronics STM8AL313X Datasheet HTML 102Page - STMicroelectronics STM8AL313X Datasheet HTML 103Page - STMicroelectronics STM8AL313X Datasheet HTML 104Page - STMicroelectronics STM8AL313X Datasheet HTML 105Page - STMicroelectronics STM8AL313X Datasheet HTML 106Page - STMicroelectronics STM8AL313X Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 124 page
background image
DocID18474 Rev 7
103/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Electrical parameters
108
Figure 36. ADC1 accuracy characteristics
Figure 37. Typical connection diagram using the ADC
1. Refer to Table 56 for the values of RAIN and CADC.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy
this, fADC should be reduced.
Table 59. ADC1 accuracy with VDDA = VREF+ = 1.8 V to 2.4 V
Symbol
Parameter
Typ.
Max(1)
1. Not tested in production.
Unit
DNL
Differential non linearity
1
2
LSB
INL
Integral non linearity
23
TUE
Total unadjusted error
35
Offset
Offset error
2
3
Gain
Gain error
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com