Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL31E8X Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 59Page - STMicroelectronics STM8AL31E8X Datasheet HTML 60Page - STMicroelectronics STM8AL31E8X Datasheet HTML 61Page - STMicroelectronics STM8AL31E8X Datasheet HTML 62Page - STMicroelectronics STM8AL31E8X Datasheet HTML 63Page - STMicroelectronics STM8AL31E8X Datasheet HTML 64Page - STMicroelectronics STM8AL31E8X Datasheet HTML 65Page - STMicroelectronics STM8AL31E8X Datasheet HTML 66Page - STMicroelectronics STM8AL31E8X Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
DocID027180 Rev 5
63/133
STM8AL31E8x STM8AL3LE8x
Option byte
64
Table 13. Option byte description
Option
byte no.
Option description
OPT0
ROP[7:0] Memory readout protection (ROP)
0xAA: Disable readout protection (write access via SWIM protocol)
Refer to Readout protection section in STM8L05xx, STM8L15xx, STM8L162x,
STM8AL31xx and STM8AL3Lxx microcontroller family reference manual (RM0031).
OPT1
UBC[7:0] Size of the user boot code area
UBC[7:0] Size of the user boot code area
0x00: No UBC
0x01: Page 0 reserved for the UBC and write protected.
...
0xFF: Page 0 to 254 reserved for the UBC and write-protected.
Refer to User boot code section in the STM8L05xx, STM8L15xx, STM8L162x,
STM8AL31xx and STM8AL3Lxx microcontroller family reference manual (RM0031).
OPT2
PCODESIZE[7:0] Size of the proprietary code area
0x00: No proprietary code area
0x01: Page 0 reserved for the proprietary code and read/write protected.
...
0xFF: Page 0 to 254 reserved for the proprietary code and read/write protected.
Refer to Proprietary code area (PCODE) section in STM8L05xx, STM8L15xx,
STM8L162x, STM8AL31xx and STM8AL3Lxx microcontroller family reference manual
(RM0031) for more details.
OPT3
IWDG_HW: Independent watchdog
0: Independent watchdog activated by software
1: Independent watchdog activated by hardware
IWDG_HALT: Independent watchdog off in Halt/Active-halt
0: Independent watchdog continues running in Halt/Active-halt mode
1: Independent watchdog stopped in Halt/Active-halt mode
WWDG_HW: Window watchdog
0: Window watchdog activated by software
1: Window watchdog activated by hardware
WWDG_HALT: Window window watchdog reset on Halt/Active-halt
0: Window watchdog stopped in Halt mode
1: Window watchdog generates a reset when MCU enters Halt mode
OPT4
HSECNT: Number of HSE oscillator stabilization clock cycles
0x00 - 1 clock cycle
0x01 - 16 clock cycles
0x10 - 512 clock cycles
0x11 - 4096 clock cycles
LSECNT: Number of LSE oscillator stabilization clock cycles
0x00 - 1 clock cycle
0x01 - 16 clock cycles
0x10 - 512 clock cycles
0x11 - 4096 clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com