Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL31E8X Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 34Page - STMicroelectronics STM8AL31E8X Datasheet HTML 35Page - STMicroelectronics STM8AL31E8X Datasheet HTML 36Page - STMicroelectronics STM8AL31E8X Datasheet HTML 37Page - STMicroelectronics STM8AL31E8X Datasheet HTML 38Page - STMicroelectronics STM8AL31E8X Datasheet HTML 39Page - STMicroelectronics STM8AL31E8X Datasheet HTML 40Page - STMicroelectronics STM8AL31E8X Datasheet HTML 41Page - STMicroelectronics STM8AL31E8X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 133 page
background image
Pin description
STM8AL31E8x STM8AL3LE8x
38/133
DocID027180 Rev 5
Note:
The slope control of all GPIO pins, except true open drain pins, are programmable. By
default the slope control is limited to 2 MHz.
System configuration options
As shown in Table 5: High-density STM8AL3xE8x pin description, some alternate functions
can be remapped on different I/O ports by programming one of the two remapping registers
described in the “Routing interface (RI) and system configuration controller” section in
STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31, STM8AL3L MCU
lines reference manual (RM0031).
51
1
PA0(8)/[USART1_CK](2)/
SWIM/BEEP/IR_TIM (9)
I/O
-
X
X
XHS X
X Port A0
[USART1 synchronous
clock](2) / SWIM input and
output /
Beep output / Infrared Timer
output
68 56 40 VSS2
S-
-
-
-
-
-
- IOs ground voltage
67 55 39 VDD2
S-
-
-
-
-
-
- IOs supply voltage
48
-
- VSS4
S-
-
-
-
-
-
- IOs ground voltage
47
-
- VDD4
S-
-
-
-
-
-
- IOs supply voltage
1. At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31, STM8AL3L MCU
lines reference manual (RM0031).
2. [ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
3. Available onSTM8AL3LE8xdevices only.
4. A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
5. In the 5 V tolerant I/Os, the protection diode to VDD is not implemented.
6. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
7. Available on STM8AL3LE8x devices only. On STM8AL31E8x devices it is reserved and must be tied to VDD.
8. The PA0 pin is in input pull-up during the reset phase and after reset release.
9. High Sink LED driver capability available on PA0.
Table 5. High-density STM8AL3xE8x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com