Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL31E8X Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 80Page - STMicroelectronics STM8AL31E8X Datasheet HTML 81Page - STMicroelectronics STM8AL31E8X Datasheet HTML 82Page - STMicroelectronics STM8AL31E8X Datasheet HTML 83Page - STMicroelectronics STM8AL31E8X Datasheet HTML 84Page - STMicroelectronics STM8AL31E8X Datasheet HTML 85Page - STMicroelectronics STM8AL31E8X Datasheet HTML 86Page - STMicroelectronics STM8AL31E8X Datasheet HTML 87Page - STMicroelectronics STM8AL31E8X Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 133 page
background image
Electrical parameters
STM8AL31E8x STM8AL3LE8x
84/133
DocID027180 Rev 5
IDD(TIM1)
TIM1 supply current(1)
10
µA/MHz
IDD(TIM2)
TIM2 supply current (4)
7
IDD(TIM3)
TIM3 supply current (1)
7
IDD(TIM5)
TIM5 supply current (1)
7
IDD(TIM4)
TIM4 timer supply current (1)
3
IDD(USART1)
USART1 supply current (5)
5
IDD(USART2)
USART2 supply current (6)
5
IDD(USART3)
USART3 supply current (7)
5
IDD(SPI1)
SPI1 supply current (4)
3
IDD(SPI2)
SPI2 supply current (4)
3
IDD(I2C1)
I2C1 supply current (4)
4
IDD(DMA1)
DMA1 supply current
3
IDD(AES)
AES supply current
4
IDD(WWDG)
WWDG supply current
1
IDD(ALL)
Peripherals ON(8)
67
IDD(ADC1)
ADC1 supply current(9)
1500
µA
IDD(DAC)
DAC supply current(10)
370
IDD(COMP1)
Comparator 1 supply current(11)
0.160
IDD(COMP2)
Comparator 2 supply current(11)
Slow mode
2
Fast mode
5
IDD(PVD/BOR)
Power voltage detector and brownout Reset unit supply
current (12)
2.6
IDD(BOR)
Brownout Reset unit supply current (12)
2.4
IDD(IDWDG)
Independent watchdog supply current
including LSI supply
current
0.45
excluding LSI
supply current
0.05
1. Data based on a differential IDD measurement between all peripherals OFF and a timer counter running at 16 MHz. The
CPU is in Wait mode in both cases. No IC/OC programmed, no I/O pins toggling. Not tested in production.
2. Data based on a differential IDD measurement between the on-chip peripheral in reset configuration and not clocked and
the on-chip peripheral when clocked and not kept under reset. The CPU is in Wait mode in both cases. No I/O pins toggling.
Not tested in production.
3. Peripherals listed above the IDD(ALL) parameter ON: TIM1, TIM2, TIM3, TIM4, TIM5, USART1, USART2, USART3, SPI1,
SPI2, I2C1, DMA1, WWDG.
4. Data based on a differential IDD measurement between all peripherals OFF and a timer counter running at 16 MHz. The
CPU is in Wait mode in both cases. No IC/OC programmed, no I/O pins toggling. Not tested in production.
Table 28. Peripheral current consumption (continued)
Symbol
Parameter
Typ.
VDD = 3.0 V
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com