Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL31E8X Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM8AL31E8X
Description  Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL31E8X Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM8AL31E8X Datasheet HTML 13Page - STMicroelectronics STM8AL31E8X Datasheet HTML 14Page - STMicroelectronics STM8AL31E8X Datasheet HTML 15Page - STMicroelectronics STM8AL31E8X Datasheet HTML 16Page - STMicroelectronics STM8AL31E8X Datasheet HTML 17Page - STMicroelectronics STM8AL31E8X Datasheet HTML 18Page - STMicroelectronics STM8AL31E8X Datasheet HTML 19Page - STMicroelectronics STM8AL31E8X Datasheet HTML 20Page - STMicroelectronics STM8AL31E8X Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
DocID027180 Rev 5
17/133
STM8AL31E8x STM8AL3LE8x
Functional overview
61
3.3
Reset and supply management
3.3.1
Power supply scheme
The device requires a 1.65 V to 3.6 V operating supply voltage (VDD). The external power
supply pins must be connected as follows:
•
VSS1, VDD1, VSS2, VDD2, VSS3, VDD3, VSS4, VDD4= 1.65 to 3.6 V: external power supply
for I/Os and for the internal regulator. Provided externally through VDD pins, the
corresponding ground pin is VSS. VSS1/VSS2/VSS3/VSS4 and VDD1/VDD2/VDD3/VDD4
must not be left unconnected.
•
VSSA, VDDA = 1.65 to 3.6 V: external power supplies for analog peripherals (minimum
voltage to be applied to VDDA is 1.8 V when the ADC1 is used). VDDA and VSSA must
be connected to VDD and VSS, respectively.
•
VREF+, VREF- (for ADC1): external reference voltage for ADC1. Must be provided
externally through VREF+ and VREF- pin.
•
VREF+ (for DAC1/2): external voltage reference for DAC1 and DAC2 must be provided
externally through VREF+.
3.3.2
Power supply supervisor
The device has an integrated ZEROPOWER power-on reset (POR)/power-down reset
(PDR), coupled with a brownout reset (BOR) circuitry. At power-on, BOR is always active,
and ensures proper operation starting from 1.8 V. As soon as the 1.8 V BOR threshold is
reached, the option byte loading process starts, either to confirm or modify the default
thresholds, or to disable BOR permanently. In this latter case, the VDD min value at power
down is 1.65 V.
Five BOR thresholds are available through option byte, starting from 1.8 V to 3 V. To reduce
the power consumption in Halt mode, it is possible to automatically switch off the internal
reference voltage (and consequently the BOR) in Halt mode. The device remains in reset
state when VDD is below a specified threshold, VPOR/PDR or VBOR, without the need for any
external reset circuit.
The device features an embedded programmable voltage detector (PVD) that monitors the
VDD/VDDA power supply and compares it to the VPVD threshold. This PVD offers 7 different
levels between 1.85 V and 3.05 V, chosen by software, with a step around 200 mV. An
interrupt is generated when VDD/VDDA drops below the VPVD threshold and/or when
VDD/VDDA is higher than the VPVD threshold. The interrupt service routine generates then a
warning message and/or put the MCU into a safe state. The PVD is enabled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com