Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 55Page - STMicroelectronics STM8AL3L8x Datasheet HTML 56Page - STMicroelectronics STM8AL3L8x Datasheet HTML 57Page - STMicroelectronics STM8AL3L8x Datasheet HTML 58Page - STMicroelectronics STM8AL3L8x Datasheet HTML 59Page - STMicroelectronics STM8AL3L8x Datasheet HTML 60Page - STMicroelectronics STM8AL3L8x Datasheet HTML 61Page - STMicroelectronics STM8AL3L8x Datasheet HTML 62Page - STMicroelectronics STM8AL3L8x Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
DocID027179 Rev 6
59/131
STM8AL318x STM8AL3L8x
Interrupt vector mapping
60
6
Interrupt vector mapping
Note:
Slope control of all GPIO pins can be programmed except true open drain pins and by
default is limited to 2 MHz.
Table 11. Interrupt mapping
IRQ
No.
Source
block
Description
Wakeup
from Halt
mode
Wakeup
from
Active-halt
mode
Wakeup
from Wait
(WFI
mode)
Wakeup
from Wait
(WFE
mode)(1)
Vector
address
RESET
Reset
Yes
Yes
Yes
Yes
0x00 8000
TRAP
Software interrupt
-
-
-
-
0x00 8004
0TLI(2)
External Top level Interrupt
-
-
-
-
0x00 8008
1
FLASH
EOP/WR_PG_DIS
-
-
Yes
Yes(3)
0x00 800C
2
DMA1 0/1
DMA1 channels 0/1
-
-
Yes
Yes(3)
0x00 8010
3
DMA1 2/3
DMA1 channels 2/3
-
-
Yes
Yes(3)
0x00 8014
4
RTC/LSE_
CSS
RTC alarm interrupt/LSE
CSS interrupt
Yes
Yes
Yes
Yes
0x00 8018
5
EXTI
E/F/PVD(4)
PortE/F interrupt/PVD
interrupt
Yes
Yes
Yes
Yes(3)
0x00 801C
6
EXTIB/G
External interrupt port B/G
Yes
Yes
Yes
Yes(3)
0x00 8020
7
EXTID/H
External interrupt port D/H
Yes
Yes
Yes
Yes(3)
0x00 8024
8
EXTI0
External interrupt 0
Yes
Yes
Yes
Yes(3)
0x00 8028
9
EXTI1
External interrupt 1
Yes
Yes
Yes
Yes(3)
0x00 802C
10
EXTI2
External interrupt 2
Yes
Yes
Yes
Yes(3)
0x00 8030
11
EXTI3
External interrupt 3
Yes
Yes
Yes
Yes(3)
0x00 8034
12
EXTI4
External interrupt 4
Yes
Yes
Yes
Yes(3)
0x00 8038
13
EXTI5
External interrupt 5
Yes
Yes
Yes
Yes(3)
0x00 803C
14
EXTI6
External interrupt 6
Yes
Yes
Yes
Yes(3)
0x00 8040
15
EXTI7
External interrupt 7
Yes
Yes
Yes
Yes(3)
0x00 8044
16
LCD
LCD interrupt
-
-
Yes
Yes
0x00 8048
17
CLK/
TIM1/
DAC
System clock switch/CSS
interrupt/TIM1 break/DAC
-
-
Yes
Yes
0x00 804C
18
COMP1/
COMP2
ADC1
Comparator 1 and 2
interrupt/ADC1
Yes
Yes
Yes
Yes(3)
0x00 8050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com