Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 32Page - STMicroelectronics STM8AL3L8x Datasheet HTML 33Page - STMicroelectronics STM8AL3L8x Datasheet HTML 34Page - STMicroelectronics STM8AL3L8x Datasheet HTML 35Page - STMicroelectronics STM8AL3L8x Datasheet HTML 36Page - STMicroelectronics STM8AL3L8x Datasheet HTML 37Page - STMicroelectronics STM8AL3L8x Datasheet HTML 38Page - STMicroelectronics STM8AL3L8x Datasheet HTML 39Page - STMicroelectronics STM8AL3L8x Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
Pin description
STM8AL318x STM8AL3L8x
36/131
DocID027179 Rev 6
53 41
- PF4/LCD_COM4
I/O FT(5) X
XX HS X
X Port F4
LCD COM4
54 42
- PF5/LCD_COM5
I/O FT(5) X
XX HS X
X Port F5
LCD COM5
55 43
- PF6/LCD_COM6
I/O FT(5) X
XX HS X
X Port F6
LCD COM6
56 44
- PF7/LCD_COM7
I/O FT(5) X
XX HS X
X Port F7
LCD COM7
22 18 13 VLCD(7)
S-
-
--
-
-
-
LCD booster external capacitor
15 11 10 VDD1
S-
-
-
-
-
-
- Digital power supply
14 10
- VSS1
--
-
-
-
-
-
- I/O ground
16 12 11 VDDA
S-
-
-
-
-
-
- Analog supply voltage
17 13 12 VREF+/VREF+_DAC
S-
-
--
-
-
-
ADC1 and DAC1/2 positive voltage
reference
18 14
-
PG0/LCD SEG
28(3)/USART3_RX/
[TIM2_BKIN]
I/O FT(5) X
XX HS X
X Port G0
LCD segment 28/
USART3 receive /
[Timer 2 - break input]
19 15
-
PG1/LCD SEG
29(3)/USART3_TX/
[TIM3_BKIN]
I/O FT(5) X
XX HS X
X Port G1
LCD segment 29/
USART3 transmit /
[Timer 3 -break input]
20 16
-
PG2/LCD_SEG 30(3)/
USART3_CK
I/O FT(5) X
XX HS X
X Port G2
LCD segment 30/
USART 3 synchronous
clock
21 17
-
PG3/LCD SEG 31 (3)/
[TIM3_ETR]
I/O FT(5) X
XX HS X
X Port G3
LCD segment 31/
[Timer 3 - trigger]
33
-
- PH4/USART2_RX
I/O FT(5) X
XX HS X
X Port H4
USART2 receive
34
-
- PH5/USART2_TX
I/O FT(5) X
XX HS X
X Port H5
USART2 transmit
35
-
-
PH6/USART2_CK/
TIM5_CH1
I/O FT(5) X
XX HS X
X Port H6
USART2 synchronous
clock/ Timer 5 - channel 1
36
-
- PH7/TIM5_CH2
I/O FT(5) X
XX HS X
X Port H7
Timer 5 - channel 2
--
9 VSS/VSSA/VREF-
S-
-
-
-
-
-
-
I/O ground / Analog ground voltage /
ADC1 negative voltage reference
13 9
- VSSA/VREF-
S-
-
-
-
-
-
-
Analog ground voltage /
ADC1 negative voltage reference
37 29
- VDD3
S
-
-
-
-
-
-
- IOs supply voltage
38 30
- VSS3
S
-
-
-
-
-
-
- IOs ground voltage
Table 5. High-density STM8AL3x8x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com