Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 56Page - STMicroelectronics STM8AL3L8x Datasheet HTML 57Page - STMicroelectronics STM8AL3L8x Datasheet HTML 58Page - STMicroelectronics STM8AL3L8x Datasheet HTML 59Page - STMicroelectronics STM8AL3L8x Datasheet HTML 60Page - STMicroelectronics STM8AL3L8x Datasheet HTML 61Page - STMicroelectronics STM8AL3L8x Datasheet HTML 62Page - STMicroelectronics STM8AL3L8x Datasheet HTML 63Page - STMicroelectronics STM8AL3L8x Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
Interrupt vector mapping
STM8AL318x STM8AL3L8x
60/131
DocID027179 Rev 6
19
TIM2/
USART2
TIM2 update
/overflow/trigger/break/
USART2 transmission
complete/transmit data
register empty
interrupt
--
Yes
Yes(3)
0x00 8054
20
TIM2/
USART2
Capture/Compare/USART
2 interrupt
--
Yes
Yes(3)
0x00 8058
21
TIM3/
USART3
TIM3 Update
/Overflow/Trigger/Break/
USART3 transmission
complete/transmit data
register empty
interrupt
--
Yes
Yes(3)
0x00 805C
22
TIM3/
USART3
TIM3 Capture/Compare/
USART3 Receive register
data full/overrun/idle line
detected/parity error/
interrupt
--
Yes
Yes(3)
0x00 8060
23
TIM1
Update /overflow/trigger/
COM
--
-
Yes(3)
0x00 8064
24
TIM1
Capture/Compare
-
-
-
Yes(3)
0x00 8068
25
TIM4
Update/overflow/trigger
-
-
Yes
Yes(3)
0x00 806C
26
SPI1
End of Transfer
Yes
Yes
Yes
Yes(3)
0x00 8070
27
USART 1/
TIM5
USART1 transmission
complete/transmit data
register empty/
TIM5 update/overflow/
trigger/break
--
Yes
Yes(3)
0x00 8074
28
USART 1/
TIM5
USART1 Receive register
data full/overrun/idle line
detected/parity error/
TIM5 capture/compare
--
Yes
Yes(3)
0x00 8078
29
I2C1/SPI2
I2C1 interrupt(5)/
SPI2
Yes
Yes
Yes
Yes(3)
0x00 807C
1. The Low-power wait mode is entered when executing a WFE instruction in Low-power run mode.
2. The TLI interrupt is the logic OR between TIM2 overflow interrupt, and TIM4 overflow interrupts.
3. In WFE mode, this interrupt is served if it has been previously enabled. After processing the interrupt, the processor goes
back to WFE mode. When this interrupt is configured as a wakeup event, the CPU wakes up and resumes processing.
4. The interrupt from PVD is logically OR-ed with Port E and F interrupts. Register EXTI_CONF allows to select between Port
E and Port F interrupt. See more details about the external interrupt port select register (EXTI_CONF) in the
STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31, STM8AL3L MCU lines reference manual
(RM0031).
5. The device is woken up from Halt or Active-halt mode only when the address received matches the interface address.
Table 11. Interrupt mapping (continued)
IRQ
No.
Source
block
Description
Wakeup
from Halt
mode
Wakeup
from
Active-halt
mode
Wakeup
from Wait
(WFI
mode)
Wakeup
from Wait
(WFE
mode)(1)
Vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com