Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 25Page - STMicroelectronics STM8AL3L8x Datasheet HTML 26Page - STMicroelectronics STM8AL3L8x Datasheet HTML 27Page - STMicroelectronics STM8AL3L8x Datasheet HTML 28Page - STMicroelectronics STM8AL3L8x Datasheet HTML 29Page - STMicroelectronics STM8AL3L8x Datasheet HTML 30Page - STMicroelectronics STM8AL3L8x Datasheet HTML 31Page - STMicroelectronics STM8AL3L8x Datasheet HTML 32Page - STMicroelectronics STM8AL3L8x Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 131 page
background image
DocID027179 Rev 6
29/131
STM8AL318x STM8AL3L8x
Pin description
60
Table 4. Legend/abbreviation
Type
I= input, O = output, S = power supply
Level
FT: Five-volt tolerant
Output
HS = high sink/source (20 mA)
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 5. High-density STM8AL3x8x pin description
Pin
number
Pin name
Input
Output
Default alternate function
1
-
- PH0/LCD SEG 36 (3)
I/O FT(5) X
XX HS X
X Port H0 LCD segment 36
2
-
- PH1/LCD SEG 37 (3)
I/O FT(5) X
XX HS X
X Port H1 LCD segment 37
3
-
- PH2/LCD SEG 38 (3)
I/O FT(5) X
XX HS X
X Port H2 LCD segment 38
4
-
- PH3/LCD SEG 39 (3)
I/O FT(5) X
XX HS X
X Port H3 LCD segment 39
62
2 NRST/PA1(1)
I/O
-
-
X
-HS X
X Reset
PA1
73
3
PA2/OSC_IN/
[USART1_TX](2)/
[SPI1_MISO] (2)
I/O
-
X
XX HS X
X Port A2
HSE oscillator input /
[USART1 transmit] / [SPI1
master in- slave out] /
84
4
PA3/OSC_OUT/[USART1
_RX](2)/[SPI1_MOSI](2)
I/O
-
X
XX HS X
X Port A3
HSE oscillator output /
[USART1 receive]/ [SPI1
master out/slave in]/
95
5
PA4/TIM2_BKIN/
[TIM2_ETR](2)
LCD_COM0(3)/ADC1_IN2
COMP1_INP
I/O FT(5) X
XX HS X
X Port A4
Timer 2 - break input /
/[Timer 2 - trigger] /
LCD COM 0 / ADC1 input
2/Comparator 1 positive
input
10 6
6
PA5/TIM3_BKIN/
[TIM3_ETR](2)/
LCD_COM1(3)/ADC1_IN1/
COMP1_INP
I/O FT(5) X
XX HS X
X Port A5
Timer 3 - break input /
[Timer 3 - trigger] /
LCD_COM 1 /
ADC1 input 1/Comparator 1
positive input
11 7
7
PA6/ADC1_TRIG/
LCD_COM2(3)/ADC1_IN0/
COMP1_INP
I/O FT(5) X
XX HS X
X Port A6
ADC1 - trigger / LCD_COM2
/ ADC1 input 0/Comparator
1 positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com