Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 16Page - STMicroelectronics STM8AL3L8x Datasheet HTML 17Page - STMicroelectronics STM8AL3L8x Datasheet HTML 18Page - STMicroelectronics STM8AL3L8x Datasheet HTML 19Page - STMicroelectronics STM8AL3L8x Datasheet HTML 20Page - STMicroelectronics STM8AL3L8x Datasheet HTML 21Page - STMicroelectronics STM8AL3L8x Datasheet HTML 22Page - STMicroelectronics STM8AL3L8x Datasheet HTML 23Page - STMicroelectronics STM8AL3L8x Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 131 page
background image
Functional overview
STM8AL318x STM8AL3L8x
20/131
DocID027179 Rev 6
3.6
LCD (Liquid crystal display)
The LCD is only available on STM8AL3L8x devices.
The liquid crystal display drives up to 8 common terminals and up to 40 segment terminals
to drive up to 320 pixels. This LCD is configurable to drive up to 4 common and 44
segments (up to 176 pixels).
•
Internal step-up converter to guarantee contrast control whatever VDD.
•
Static 1/2, 1/3, 1/4, 1/8 duty supported.
•
Static 1/2, 1/3, 1/4 bias supported.
•
Phase inversion to reduce power consumption and EMI.
•
Up to 8 pixels programmable to blink.
•
The LCD controller operating in Halt mode.
Note:
Unnecessary segments and common pins can be used as general I/O pins.
3.7
Memories
The high-density STM8AL3x8x devices have the following main features:
•
4 Kbytes of RAM
•
The non-volatile memory is divided into three arrays:
–
64 Kbytes of medium-density embedded Flash program memory
–
2 Kbytes of Data EEPROM
–
Option byte.
The memory supports the read-while-write (RWW): it is possible to execute the code from
the program matrix while programming/erasing the data matrix.
The option byte protects part of the Flash program memory from write and readout piracy.
3.8
DMA
A 4-channel direct memory access controller (DMA1) offers a memory-to-memory and
peripherals-from/to-memory transfer capability. The 4 channels are shared between the
following IPs with DMA capability: ADC1, DAC1,DAC2, I2C1, SPI1, SPI2, USART1,
USART2, USART3, and the 5 Timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com