Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 99Page - STMicroelectronics STM8AL3L8x Datasheet HTML 100Page - STMicroelectronics STM8AL3L8x Datasheet HTML 101Page - STMicroelectronics STM8AL3L8x Datasheet HTML 102Page - STMicroelectronics STM8AL3L8x Datasheet HTML 103Page - STMicroelectronics STM8AL3L8x Datasheet HTML 104Page - STMicroelectronics STM8AL3L8x Datasheet HTML 105Page - STMicroelectronics STM8AL3L8x Datasheet HTML 106Page - STMicroelectronics STM8AL3L8x Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 131 page
background image
DocID027179 Rev 6
103/131
STM8AL318x STM8AL3L8x
Electrical parameters
117
9.3.9
LCD controller (STM8AL3L8x only)
In the following table, data are guaranteed by design, not tested in production.
VLCD external capacitor (STM8AL3L8x only)
The application achieves a stabilized LCD reference voltage when connecting an external
capacitor CEXT to the VLCD pin. CEXT is specified in Table 48.
Table 48. LCD characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VLCD
LCD external voltage
-
-
3.6
V
VLCD0
LCD internal reference voltage 0
-
2.6
-
VLCD1
LCD internal reference voltage 1
-
2.7
-
VLCD2
LCD internal reference voltage 2
-
2.8
-
VLCD3
LCD internal reference voltage 3
-
3.0
-
VLCD4
LCD internal reference voltage 4
-
3.1
-
VLCD5
LCD internal reference voltage 5
-
3.2
-
VLCD6
LCD internal reference voltage 6
-
3.4
-
VLCD7
LCD internal reference voltage 7
-
3.5
-
CEXT
VLCD external capacitance
0.1
1
2
µF
IDD
Supply current(1) at VDD = 1.8 V
1. LCD enabled with 3 V internal booster (LCD_CR1 = 0x08), 1/4 duty, 1/3 bias, division ratio= 64, all pixels
active, no LCD connected.
-3
-
µA
Supply current(1) at VDD = 3 V
-
3
-
RHN(2)
2. RHN is the total high value resistive network.
High value resistive network (low drive)
-
6.6
-
M
Ω
RLN(3)
3. RLN is the total low value resistive network.
Low value resistive network (high drive)
-
240
-
k
Ω
V33
Segment/Common higher level voltage
-
-
VLCDx
V
V34
Segment/Common 3/4 level voltage
-
3/4VLCDx
-
V23
Segment/Common 2/3 level voltage
-
2/3VLCDx
-
V12
Segment/Common 1/2 level voltage
-
1/2VLCDx
-
V13
Segment/Common 1/3 level voltage
-
1/3VLCDx
-
V14
Segment/Common 1/4 level voltage
-
1/4VLCDx
-
V0
Segment/Common lowest level voltage
0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com