Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L8x Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 123Page - STMicroelectronics STM8AL3L8x Datasheet HTML 124Page - STMicroelectronics STM8AL3L8x Datasheet HTML 125Page - STMicroelectronics STM8AL3L8x Datasheet HTML 126Page - STMicroelectronics STM8AL3L8x Datasheet HTML 127Page - STMicroelectronics STM8AL3L8x Datasheet HTML 128Page - STMicroelectronics STM8AL3L8x Datasheet HTML 129Page - STMicroelectronics STM8AL3L8x Datasheet HTML 130Page - STMicroelectronics STM8AL3L8x Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 130 / 131 page
background image
Revision history
STM8AL318x STM8AL3L8x
130/131
DocID027179 Rev 6
12
Revision history
Table 69. Document revision history
Date
Revision
Changes
03-Feb-2015
1
Initial release.
22-Apr-2015
2
Added:
– Figure 50: LQFP64 - 64-pin, 10 x 10 mm low-profile
quad flat package recommended footprint,
– Figure 48: LQFP80 marking example (package top
view),
– Figure 51: LQFP64 marking example (package top
view),
– Figure 54: LQFP48 marking example (package top
view).
Corrected OPT0 default value in Table 12: Option byte
addresses.
27-Jul-2015
3
Updated
– the document confidentiality level to “Public”,
– Table 1: Device summary, replacing STM8AL318AT
with STM8AL318A.
19-Aug-2015
4
Datasheet status changed to “production data”.
1-Dec-2016
5
– Updated Table 5: High-density STM8AL3x8x pin
description: two pin names changed from
PI0/RTC_TAMP1/[SPI2_NSS]/[TIM3_CH3 to
PI0/RTC_TAMP1/[SPI2_NSS]/[TIM3_CH1
and from
PF2/ADC1_IN26/[SPI2_SCK]/[USART3_SCK] to
PF2/ADC1_IN26/[SPI1_SCK]/[USART3_SCK]
– Updated device marking part of Section 10.1: LQFP80
package information, Section 10.2: LQFP64 package
information and Section 10.3: LQFP48 package
information
– Updated Section 9.2: Absolute maximum ratings
– Updated table footnotes in Chapter 9: Electrical
parameters
– Updated Figure 12: Power supply thresholds
5-Dec-2016
6
– Updated Table 5: High-density STM8AL3x8x pin
description: pin name changed from
PC3/USART1_TX/LCD_SEG23(3)/ADC1_IN5/COMP
_IN3M/COMP2_INM/COMP1_INP to
PC3/USART1_TX/LCD_SEG23(3)/ADC1_IN5/COMP
2_INM/COMP1_INP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com