Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 141Page - STMicroelectronics STM32F303XD Datasheet HTML 142Page - STMicroelectronics STM32F303XD Datasheet HTML 143Page - STMicroelectronics STM32F303XD Datasheet HTML 144Page - STMicroelectronics STM32F303XD Datasheet HTML 145Page - STMicroelectronics STM32F303XD Datasheet HTML 146Page - STMicroelectronics STM32F303XD Datasheet HTML 147Page - STMicroelectronics STM32F303XD Datasheet HTML 148Page - STMicroelectronics STM32F303XD Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 173 page
background image
DocID026415 Rev 5
145/173
STM32F303xD STM32F303xE
Electrical characteristics
151
IREF
DAC DC current
consumption in quiescent
mode (Standby mode)
With no load, worst code
(0xF1C) on the input
-
-
220
µA
IDDA(3)
DAC DC current
consumption in quiescent
mode (Standby mode)(2)
With no load, middle code
(0x800) on the input.
-
-
380
µA
With no load, worst code
(0xF1C) on the input.
-
-
480
µA
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
Given for a 10-bit input code
-
-
±0.5
LSB
Given for a 12-bit input code
-
-
±2
LSB
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 4095)
Given for a 10-bit input code
-
-
±1
LSB
Given for a 12-bit input code
-
-
±4
LSB
Offset(3)
Offset error (difference
between measured value at
Code (0x800) and the ideal
value = VDDA/2)
--
-
±10
mV
Given for a 10-bit input code
at VDDA = 3.6 V
--
±3
LSB
Given for a 12-bit input code
at VDDA = 3.6 V
--
±12
LSB
Gain error(3) Gain error
Given for a 12-bit input code
-
-
±0.5
%
tSETTLING(3)
Settling time (full scale: for a
12-bit input code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value ±1LSB
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
-3
4
µs
tSTAB
Power-up time
-
1
conver
sion
cycle
Update rate(3)
Max frequency for a correct
DAC_OUT change when
small variation in the input
code (from code i to i+1LSB)
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
--
1
MS/s
tWAKEUP(3)
Wakeup time from off state
(Setting the ENx bit in the
DAC Control register)
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
-6.5
10
µs
PSRR+ (1)
Power supply rejection ratio
(to VDDA) (static DC
measurement
CLOAD
= 50 pF,
No RLOAD
≥ 5 kΩ,
-
–67
–40
dB
Iskink(1)
Output sink current
DAC buffer ON
Output level higher
than 0.2 V
100
-
-
µA
1. Guaranteed by design, not tested in production.
Table 86. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com