Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 144Page - STMicroelectronics STM32F303XD Datasheet HTML 145Page - STMicroelectronics STM32F303XD Datasheet HTML 146Page - STMicroelectronics STM32F303XD Datasheet HTML 147Page - STMicroelectronics STM32F303XD Datasheet HTML 148Page - STMicroelectronics STM32F303XD Datasheet HTML 149Page - STMicroelectronics STM32F303XD Datasheet HTML 150Page - STMicroelectronics STM32F303XD Datasheet HTML 151Page - STMicroelectronics STM32F303XD Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
148/173
DocID026415 Rev 5
6.3.22
Operational amplifier characteristics
Table 88. Operational amplifier characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
2.4
-
3.6
V
CMIR
Common mode input range
-
0
-
VDDA
V
VIOFFSET
Input offset
voltage
Maximum
calibration
range
25°C, No Load
on output.
--
4
mV
All
voltage/Temp.
--
6
After offset
calibration
25°C, No Load
on output.
--
1.6
All
voltage/Temp.
--
3
ΔVIOFFSET
Input offset voltage drift
-
-
5
-
µV/°C
ILOAD
Drive current
-
-
-
500
µA
IDDA
OPAMP consumption
No load,
quiescent mode
-
690
1450
µA
TS_OPAMP_VOUT
ADC sampling time when reading
the OPAMP output.
-400
-
-
ns
CMRR
Common mode rejection ratio
-
-
90
-
dB
PSRR
Power supply rejection ratio
DC
73
117
-
dB
GBW
Bandwidth
-
-
8.2
-
MHz
SR
Slew rate
-
-
4.7
-
V/µs
RLOAD
Resistive load
-
4
-
-
k
Ω
CLOAD
Capacitive load
-
-
-
50
pF
VOHSAT
High saturation voltage(2)
Rload = min,
Input at VDDA.
VDDA-100
--
mV
Rload = 20K,
Input at VDDA.
VDDA-20
--
VOLSAT
Low saturation voltage(2)
Rload = min,
input at 0V
--
100
Rload = 20K,
input at 0V.
--
20
ϕm
Phase margin
-
-
62
-
°
tOFFTRIM
Offset trim time: during calibration,
minimum time needed between
two steps to have 1 mV accuracy
--
-
2
ms
tWAKEUP
Wake up time from OFF state.
CLOAD ≤50 pf,
RLOAD ≥ 4 kΩ,
Follower
configuration
-2.8
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com