Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XD Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 145Page - STMicroelectronics STM32F303XD Datasheet HTML 146Page - STMicroelectronics STM32F303XD Datasheet HTML 147Page - STMicroelectronics STM32F303XD Datasheet HTML 148Page - STMicroelectronics STM32F303XD Datasheet HTML 149Page - STMicroelectronics STM32F303XD Datasheet HTML 150Page - STMicroelectronics STM32F303XD Datasheet HTML 151Page - STMicroelectronics STM32F303XD Datasheet HTML 152Page - STMicroelectronics STM32F303XD Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 173 page
background image
DocID026415 Rev 5
149/173
STM32F303xD STM32F303xE
Electrical characteristics
151
PGA gain
Non inverting gain value
-
-2
-
-
-4
-
-
-8
-
-
-16
-
-
Rnetwork
R2/R1 internal resistance values in
PGA mode (3)
Gain=2
-
5.4/5.4
-
k
Ω
Gain=4
-
16.2/5.4
-
Gain=8
-
37.8/5.4
-
Gain=16
-
40.5/2.7
-
PGA gain error
PGA gain error
-
-1%
-
1%
-
Ibias
OPAMP input bias current
-
-
-
±0.2(4)
µA
PGA BW
PGA bandwidth for different non
inverting gain
PGA Gain = 2,
Cload = 50pF,
Rload = 4 K
Ω
-4
-
MHz
PGA Gain = 4,
Cload = 50pF,
Rload = 4 K
Ω
-2
-
PGA Gain = 8,
Cload = 50pF,
Rload = 4 K
Ω
-1
-
PGA Gain = 16,
Cload = 50pF,
Rload = 4 K
Ω
-0.5
-
en
Voltage noise density
@ 1KHz, Output
loaded with
4 K
Ω
-
109
-
@ 10KHz,
Output loaded
with 4 K
Ω
-43
-
1. Guaranteed by design, not tested in production.
2. The saturation voltage can be also limited by the Iload (drive current).
3. R2 is the internal resistance between OPAMP output and OPAMP inverting input.
R1 is the internal resistance between OPAMP inverting input and ground.
The PGA gain =1+R2/R1
4. Mostly TTa I/O leakage, when used in analog mode.
Table 88. Operational amplifier characteristics(1) (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com