Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 101Page - STMicroelectronics STM32F412XE Datasheet HTML 102Page - STMicroelectronics STM32F412XE Datasheet HTML 103Page - STMicroelectronics STM32F412XE Datasheet HTML 104Page - STMicroelectronics STM32F412XE Datasheet HTML 105Page - STMicroelectronics STM32F412XE Datasheet HTML 106Page - STMicroelectronics STM32F412XE Datasheet HTML 107Page - STMicroelectronics STM32F412XE Datasheet HTML 108Page - STMicroelectronics STM32F412XE Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 193 page
background image
DocID028087 Rev 4
105/193
STM32F412xE/G
Electrical characteristics
161
possible to the oscillator pins in order to minimize output distortion and startup stabilization
time. Refer to the crystal resonator manufacturer for more details on the resonator
characteristics (frequency, package, accuracy).
The LSE high-power mode allows to cover a wider range of possible crystals but with a cost
of higher power consumption.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator
design guide for ST microcontrollers” available from the ST website www.st.com.
For information about the LSE high-power mode, refer to the reference manual RM0383.
Figure 30. Typical application with a 32.768 kHz crystal
Table 41. LSE oscillator characteristics (fLSE = 32.768 kHz) (1)
1. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RF
Feedback resistor
-
-
18.4
-
M
Ω
IDD
LSE current consumption
Low-power mode
(default)
--
1
µA
High-drive mode
-
-
3
ACCLSE(2)
2. This parameter depends on the crystal used in the application. Refer to the application note AN2867.
LSE accuracy
-
-500
-
500
ppm
Gm_crit_max Maximum critical crystal gm
Startup, low-power
mode
--
0.56
µA/V
Startup, high-drive
mode
--
1.50
tSU(LSE)(3)
3. tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized
32.768 kHz oscillation is reached. This value is guaranteed by characterization and not tested in
production. It is measured for a standard crystal resonator and it can vary significantly with the crystal
manufacturer.
startup time
VDD is stabilized
-
2
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com