Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 105Page - STMicroelectronics STM32F412XE Datasheet HTML 106Page - STMicroelectronics STM32F412XE Datasheet HTML 107Page - STMicroelectronics STM32F412XE Datasheet HTML 108Page - STMicroelectronics STM32F412XE Datasheet HTML 109Page - STMicroelectronics STM32F412XE Datasheet HTML 110Page - STMicroelectronics STM32F412XE Datasheet HTML 111Page - STMicroelectronics STM32F412XE Datasheet HTML 112Page - STMicroelectronics STM32F412XE Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 193 page
background image
DocID028087 Rev 4
109/193
STM32F412xE/G
Electrical characteristics
161
Table 45. PLLI2S (audio PLL) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLI2S_IN
PLLI2S input clock(1)
-0.95(2)
12.10
MHz
fPLLI2S_OUT
PLLI2S multiplier output clock
-
-
-
216
fVCO_OUT
PLLI2S VCO output
-
100
-
432
tLOCK
PLLI2S lock time
VCO freq = 100 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300
Jitter(3)
Master I2S clock jitter
Cycle to cycle at
12.288 MHz on
48 kHz period,
N=432, R=5
RMS
-
90
-
peak
to
peak
-
±280
-
ps
Average frequency of
12.288 MHz
N = 432, R = 5
on 1000 samples
-90
-
WS I2S clock jitter
Cycle to cycle at 48 KHz
on 1000 samples
-
400
-
IDD(PLLI2S)(4)
PLLI2S power consumption on
VDD
VCO freq = 100 MHz
VCO freq = 432 MHz
0.15
0.45
-
0.40
0.75
mA
IDDA(PLLI2S)(4)
PLLI2S power consumption on
VDDA
VCO freq = 100 MHz
VCO freq = 432 MHz
0.30
0.55
-
0.40
0.85
1. Take care of using the appropriate division factor M to have the specified PLL input clock values.
2. Guaranteed by design, not tested in production.
3. Value given with main PLL running.
4. Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com