Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 104Page - STMicroelectronics STM32F412XE Datasheet HTML 105Page - STMicroelectronics STM32F412XE Datasheet HTML 106Page - STMicroelectronics STM32F412XE Datasheet HTML 107Page - STMicroelectronics STM32F412XE Datasheet HTML 108Page - STMicroelectronics STM32F412XE Datasheet HTML 109Page - STMicroelectronics STM32F412XE Datasheet HTML 110Page - STMicroelectronics STM32F412XE Datasheet HTML 111Page - STMicroelectronics STM32F412XE Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 193 page
background image
Electrical characteristics
STM32F412xE/G
108/193
DocID028087 Rev 4
6.3.10
PLL characteristics
The parameters given in Table 44 and Table 45 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 15.
Table 44. Main PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(1)
-0.95(2)
12.10
MHz
fPLL_OUT
PLL multiplier output clock
-
24
-
100
MHz
fPLL48_OUT
48 MHz PLL multiplier output
clock
--
48
75
MHz
fVCO_OUT
PLL VCO output
-
100
-
432
MHz
tLOCK
PLL lock time
VCO freq = 100 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300
Jitter(3)
Cycle-to-cycle jitter
System clock
100 MHz
RMS
-
25
-
ps
peak
to
peak
-
±150
-
Period Jitter
RMS
-
15
-
peak
to
peak
-
±200
-
Bit Time CAN jitter
Cycle to cycle at 1 MHz
on 1000 samples.
-
330
-
IDD(PLL)(4)
PLL power consumption on VDD
VCO freq = 100 MHz
VCO freq = 432 MHz
0.15
0.45
-
0.40
0.75
mA
IDDA(PLL)(4)
PLL power consumption on
VDDA
VCO freq = 100 MHz
VCO freq = 432 MHz
0.30
0.55
-
0.40
0.85
1. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared
between PLL and PLLI2S.
2. Guaranteed by design, not tested in production.
3. The use of two PLLs in parallel could degraded the Jitter up to +30%.
4. Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com