Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 140Page - STMicroelectronics STM32F412XE Datasheet HTML 141Page - STMicroelectronics STM32F412XE Datasheet HTML 142Page - STMicroelectronics STM32F412XE Datasheet HTML 143Page - STMicroelectronics STM32F412XE Datasheet HTML 144Page - STMicroelectronics STM32F412XE Datasheet HTML 145Page - STMicroelectronics STM32F412XE Datasheet HTML 146Page - STMicroelectronics STM32F412XE Datasheet HTML 147Page - STMicroelectronics STM32F412XE Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 193 page
background image
Electrical characteristics
STM32F412xE/G
144/193
DocID028087 Rev 4
6.3.24
DFSDM characteristics
Unless otherwise specified, the parameters given in Table 82 for DFSDM are derived from
tests performed under the ambient temperature, fAPB2 frequency and VDD supply voltage
conditions summarized in Table 15: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (DFSDM_CKINy, DFSDM_DATINy, DFSDM_CKOUT for DFSDM).
Table 82. DFSDM characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDFSDMCLK DFSDM clock
-
-
-
fSYSCLK
MHz
fCKIN
(1/TCKIN)
Input clock
frequency
SPI mode (SITP[1:0] = 01)
-
-
20
(fDFSDMCLK/4)
fCKOUT
Output clock
frequency
--
-
20
MHz
DuCyCKOUT
Output clock
frequency
duty cycle
-30
50
75
%
twh(CKIN)
twl(CKIN)
Input clock
high and low
time
SPI mode (SITP[1:0] = 01),
External clock mode
(SPICKSEL[1:0] = 0)
TCKIN/2-0.5 TCKIN/2
-
ns
tsu
Data input
setup time
SPI mode (SITP[1:0]=01),
External clock mode
(SPICKSEL[1:0] = 0)
1-
-
th
Data input
hold time
SPI mode (SITP[1:0]=01),
External clock mode
(SPICKSEL[1:0] = 0)
1-
-
TManchester
Manchester
data period
(recovered
clock period)
Manchester mode (SITP[1:0]
= 10 or 11),
Internal clock mode
(SPICKSEL[1:0]
≠ 0)
(CKOUT
DIV+1)
ₓ
TDFSDMCLK
-
(2
ₓ CKOUTDIV)
ₓ TDFSDMCLK
1. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com