Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412XE Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32F412XE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412XE Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32F412XE Datasheet HTML 144Page - STMicroelectronics STM32F412XE Datasheet HTML 145Page - STMicroelectronics STM32F412XE Datasheet HTML 146Page - STMicroelectronics STM32F412XE Datasheet HTML 147Page - STMicroelectronics STM32F412XE Datasheet HTML 148Page - STMicroelectronics STM32F412XE Datasheet HTML 149Page - STMicroelectronics STM32F412XE Datasheet HTML 150Page - STMicroelectronics STM32F412XE Datasheet HTML 151Page - STMicroelectronics STM32F412XE Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 193 page
background image
Electrical characteristics
STM32F412xE/G
148/193
DocID028087 Rev 4
Figure 51. Asynchronous non-multiplexed SRAM/PSRAM/NOR write waveforms
1. Mode 2/B, C and D only. In Mode 1, FSMC_NADV is not used.
Table 85. Asynchronous non-multiplexed SRAM/PSRAM/NOR write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
3 THCLK - 1 3 THCLK +0.5
ns
tv(NWE_NE)
FSMC_NEx low to FSMC_NWE low
THCLK + 0.5 THCLK + 0.5
tw(NWE)
FSMC_NWE low time
THCLK – 1.5
THCLK+ 1
th(NE_NWE)
FSMC_NWE high to FSMC_NE high hold time
THCLK - 1
-
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
0.5
th(A_NWE)
Address hold time after FSMC_NWE high
THCLK - 0.5
-
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
1
th(BL_NWE)
FSMC_BL hold time after FSMC_NWE high
THCLK - 1
-
tv(Data_NE)
Data to FSMC_NEx low to Data valid
-
THCLK + 2
th(Data_NWE)
Data hold time after FSMC_NWE high
THCLK + 0.5
-
tv(NADV_NE)
FSMC_NEx low to FSMC_NADV low
-
1
tw(NADV)
FSMC_NADV low time
-
THCLK+ 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com